Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA6527KW Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MMA6527KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6527KW Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MMA6527KW Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Sensor
Freescale Semiconductor, Inc.
39
MMA65xx
3.8.10.3
Arming Function: Unfiltered Mode
On the rising edge of CS for an acceleration request, the most recent available offset cancelled sample for the requested axis
is compared against positive and negative thresholds that are individually programmed for each axis via the ARMT_Xx and
ARMT_Yx registers. Reference Section 3.1.10 for register details. If the sample equals or exceeds either threshold, an arming
condition is indicated.
Once an arming condition is indicated for the X-Axis, the ARM_X output is asserted when CS is asserted and the MISO data
includes an acceleration response for that axis.
Once an arming condition is indicated for the Y-Axis, the ARM_Y output is asserted when CS is asserted and the MISO data
includes an acceleration response for that axis.
The pulse stretch function is not applied in Unfiltered mode.
Figure 29 contains a block diagram of the Arming Function operation in Unfiltered Mode. Figure 30 shows the Arming output
operation under the different SPI request conditions.
Figure 29. Arming Function Block Diagram - Unfiltered Mode
Figure 30. X and Y Axis Arming Conditions, Unfiltered Mode
ARMING FUNCTION
ACFG[2]
CS
AXIS Select
Interpolated Sample Rate
ARM_x
I/O
ACFG[1]
Y-Axis Arm Condition
Present
SCLK
MOSI
MISO
CS
Request X-Axis
Request Y-Axis
X-Axis Response
Y-Axis Response
Request X-Axis
Request Y-Axis
X-Axis Response
ARM_X
ARM_Y
Y-Axis Response
Y-Axis Arm Condition
Not Present
X-Axis Arm Condition
Not Present
X-Axis Arm Condition
Present
tARM_UF_DLY
tARM_UF_ASSERT
tARM_UF_DLY
tARM_UF_ASSERT
X-Axis Data
Latched for
Arm & SPI
Y-Axis Data
Latched for
Arm & SPI
X-Axis Data
Latched for
Arm & SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com