Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA6519KWR2 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MMA6519KWR2
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6519KWR2 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MMA6519KWR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA6519KWR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA6519KWR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA6519KWR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA6519KWR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA6519KWR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA6519KWR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA6519KWR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA6519KWR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Sensor
18
Freescale Semiconductor, Inc.
MMA65xx
3.1.8
Arming Configuration Registers (ARMCFGX, ARMCFGY)
The arming configuration registers contain configuration information for the arming function. The values in these registers are
only relevant if the arming function is operating in moving average mode, or count mode.
These registers can be written during initialization but are locked once the ENDINIT bit is set. Refer to Section 3.1.6.3. These
registers are included in the writable register CRC check. Refer to Section 3.2.2 for details.
3.1.9
Reserved Bits (Reserved)
Bits 7 through 6 of the ARMCFGX and ARMCFGY registers are reserved. A write to the reserved bits must always be logic ‘0’
for normal device operation and performance.
3.1.9.1
Arming Pulse Stretch (APS_X[1:0], APS_Y[1:0])
The APS_X[1:0] and APS_Y[1:0] bits set the programmable pulse stretch time for the arming outputs. Refer to Section 3.8.10
for more details regarding the arming function. Pulse stretch times are derived from the internal oscillator, so the tolerance on
this oscillator applies.
3.1.9.2
Arming Window Size (AWS_Xx[1:0], AWS_Yx[1:0])
The AWS_Xx[1:0] & AWS_Yx[1:0] bits have different functions depending on the state of the A_CFG bits in the DEVCFG reg-
ister. If the arming function is set to moving average mode, the AWS bits set the number of acceleration samples used for the
arming function moving average. The number of samples is set independently for each axis and polarity. If the arming function
is set to count mode, the AWS bits set the sample count limit for the arming function. The sample count limit is set independently
for each axis. Refer to Section 3.8.10 for more details regarding the arming function.
Table 12. Arming Configuration Register
Location
Bit
Address
Register
76543210
$0E
ARMCFGX
Reserved
Reserved
APS_X[1]
APS_X[0]
AWS_XN[1]
AWS_XN[0]
AWS_XP[1]
AWS_XP[0]
$0F
ARMCFGY
Reserved
Reserved
APS_Y[1]
APS_Y[0]
AWS_YN[1]
AWS_YN[0]
AWS_YP[1]
AWS_YP[0]
Reset Value
00001111
Table 13. Arming Pulse Stretch Definitions
APS_X[1], APS_Y[1]
APS_X[0], APS_Y[0]
Pulse Stretch Time (Typical Oscillator)
00
0 mS
0
1
16.256 ms - 16.384 ms
1
0
65.408ms - 65.536 ms
1
1
261.888ms - 262.016 ms
Table 14. X-Axis Positive Arming Window Size Definitions (Moving Average Mode)
AWS_XP[1]
AWS_XP[0]
X-Axis Positive Window Size
00
2
01
4
10
8
11
16
Table 15. X-Axis Negative Arming Window Size Definitions (Moving Average Mode)
AWS_XN[1]
AWS_XN[0]
X-Axis Negative Window Size
00
2
01
4
10
8
11
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com