| Electronic Components Datasheet Search |
|
MMA6527KWR2 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MMA6527KWR2 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc |
|
12 / 56 page ![]() Sensor 12 Freescale Semiconductor, Inc. MMA65xx 3 Functional Description 3.1 Customer Accessible Data Array A customer accessible data array allows for each device to be customized. The array consists of an OTP factory programma- ble block and read/write registers for device programmability and status. The OTP and writable register blocks incorporate inde- pendent CRC circuitry for fault detection (reference Section 3.2). The writable register block includes a locking mechanism to prevent unintended changes during normal operation. Portions of the array are reserved for factory-programmed trim values. The customer accessible data is shown in the table below. Type codes F: Factory programmed OTP location R/W: Read/write register R: Read-only register N/A: Not applicable Table 3. Customer Accessible Data Location Bit Function Type Addr Register 76543210 $00 SN0 SN[7] SN[6] SN[5] SN[4] SN[3] SN[2] SN[1] SN[0] F $01 SN1 SN[15] SN[14] SN[13] SN[12] SN[11] SN[10] SN[9] SN[8] $02 SN2 SN[23] SN[22] SN[21] SN[20] SN[19] SN[18] SN[17] SN[16] $03 SN3 SN[31] SN[30] SN[29] SN[28] SN[27] SN[26] SN[25] SN[24] $04 STDEFL_X STDEFL_X[7] STDEFL_X[6] STDEFL_X[5] STDEFL_X[4] STDEFL_X[3] STDEFL_X[2] STDEFL_X[1] STDEFL_X[0] $05 STDEFL_Y STDEFL_Y[7] STDEFL_Y[6] STDEFL_Y[5] STDEFL_Y[4] STDEFL_Y[3] STDEFL_Y[2] STDEFL_Y[1] STDEFL_Y[0] $06 FCTCFG_X 10000001 $07 FCTCFG_Y 1 0 0 0 0 0 0 1 $08 PN PN[7] PN[6] PN[5] PN[4] PN[3] PN[2] PN[1] PN[0] $09 Invalid Address: “Invalid Register Request” $0A DEVCTL RES_1 RES_0 OCPHASE[1] OCPHASE[0] OFFCFG_EN Reserved Reserved Reserved R/W $0B DEVCFG OC Reserved ENDINIT SD OFMON A_CFG[2] A_CFG[1] A_CFG[0] $0C DEVCFG_X ST_X Reserved Reserved Reserved LPF_X[3] LPF_X[2] LPF_X[1] LPF_X[0] $0D DEVCFG_Y ST_Y Reserved Reserved Reserved LPF_Y[3] LPF_Y[2] LPF_Y[1] LPF_Y[0] $0E ARMCFGX Reserved Reserved APS_X[1] APS_X[0] AWS_XN[1] AWS_XN[0] AWS_XP[1] AWS_XP[0] $0F ARMCFGY Reserved Reserved APS_Y[1] APS_Y[0] AWS_YN[1] AWS_YN[0] AWS_YP[1] AWS_YP[0] $10 ARMT_XP AT_XP[7] AT_XP[6] AT_XP[5] AT_XP[4] AT_XP[3] AT_XP[2] AT_XP[1] AT_XP[0] $11 ARMT_YP AT_YP[7] AT_YP[6] AT_YP[5] AT_YP[4] AT_YP[3] AT_YP[2] AT_YP[1] AT_YP[0] $12 ARMT_XN AT_XN[7] AT_XN[6] AT_XN[5] AT_XN[4] AT_XN[3] AT_XN[2] AT_XN[1] AT_XN[0] $13 ARMT_YN AT_YN[7] AT_YN[6] AT_YN[5] AT_YN[4] AT_YN[3] AT_YN[2] AT_YN[1] AT_YN[0] $14 DEVSTAT UNUSED IDE UNUSED DEVINIT MISOERR OFF_Y OFF_X DEVRES R $15 COUNT COUNT[7] COUNT[6] COUNT[5] COUNT[4] COUNT[3] COUNT[2] COUNT[1] COUNT[0] $16 OFFCORR_X OFFCORR_X[7] OFFCORR_X[6] OFFCORR_X[5] OFFCORR_X[4] OFFCORR_X[3] OFFCORR_X[2] OFFCORR_X[1] OFFCORR_X[0] $17 OFF_CORR_Y OFFCORR_Y[7] OFFCORR_Y[6] OFFCORR_Y[5] OFFCORR_Y[4] OFFCORR_Y[3] OFFCORR_Y[2] OFFCORR_Y[1] OFFCORR_Y[0] $1C Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved $1D Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |