Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMG3003NT1 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MMG3003NT1
Description  Heterojunction Bipolar Transistor Technology
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3003NT1 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MMG3003NT1_12 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG3003NT1_12 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG3003NT1_12 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG3003NT1_12 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG3003NT1_12 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG3003NT1_12 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG3003NT1_12 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG3003NT1_12 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3003NT1_12 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MMG3003NT1
Table 4. Electrical Characteristics (VCC = 6.2 Vdc, 900 MHz, TA =25°C, 50 ohm system, in Freescale Application Circuit)
Characteristic
Symbol
Min
Typ
Max
Unit
Small--Signal Gain (S21)
Gp
19.3
20
—
dB
Input Return Loss (S11)
IRL
—
--15
—
dB
Output Return Loss (S22)
ORL
—
--9.3
—
dB
Power Output @ 1dB Compression
P1dB
—
24
—
dBm
Third Order Output Intercept Point
OIP3
—
40.5
—
dBm
Noise Figure
NF
—
4
—
dB
Supply Current (1)
ICC
160
180
205
mA
Supply Voltage (1)
VCC
—
6.2
—
V
1. For reliable operation, the junction temperature should not exceed 150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com