Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5744P Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC5744P
Description  MPC5744P Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5744P Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC5744P Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5744P Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 114 page
background image
Pinouts
MPC5744P Data Sheet, Rev. 0.3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
15
Table 4. System Pins/Balls
Symbol
Type
Description
QFP
PBGA
144LQFP
176LQFP
257MAPBGA
NMI_B
Input
Non maskable Interrupt
1
1
E4
XTAL
Input
Crystal Oscillator/External Clock Input
29
34
N1
EXTAL
Input
Input of the oscillator amplifier circuit
30
35
R1
RESET_B
Input
Functional Reset
31
38
P2
EXT_POR
Input
External Power On Reset
130
162
D6
VPP_TEST1
NOTES:
1 VPP_TEST must be connected to ground.
Input
SoC Test Mode
107
131
D15
JCOMP
Input
JTAGC, JTAG Compliance Enable
123
154
A6
TCK
Input
JTAGC, Test Clock Input
88
112
H17
TMS
Input
JTAGC, Test Mode Select
87
111
H15
TDO
Output
JTAGC, Test Data Out
89
113
G14
TDI
Input
JTAGC, Test Data Input
86
109
J17
MDO[0]
Output
NEXUS, Message data out pins; reflects the
state of the internal power on reset signal until
RESET is negated
913
G1
MDO[3:1]
Output
NEXUS, Message data out pins
4,5,8
5,8,11
E1,F1,E2
EVTO
Output
NEXUS, Event Out Pin
24
29
K2
EVTI
Input
NEXUS, Event In Pin
25
30
L2
MCKO
Output
NEXUS, Message clock out pin
19
24
J4
MSEO
Output
NEXUS, Message Start/End out pin
20
25
J3
RDY_B
Output
NEXUS, Read/Write Transfer completed
-
-
J2
BCTRL
Output
Base control signal of external npn ballast
69
80
R13
J[11],J[10]
--
Freescale Factory Test2
2 Do not connect on the board.
-
-
L17,K17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com