Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC667201MMG2 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # SC667201MMG2
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC667201MMG2 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button SC667201MMG2 Datasheet HTML 52Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 53Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 54Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 55Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 56Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 57Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 58Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 59Page - Freescale Semiconductor, Inc SC667201MMG2 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
56
Freescale Semiconductor
Electrical characteristics
3.2
Maximum ratings
Table 8. Absolute maximum ratings1
1 Functional operating conditions are given in the DC electrical specifications. Absolute maximum ratings are stress
ratings only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect
device reliability or cause permanent damage to the device.
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VDD
SR 1.2 V core supply voltage2
2 Allowed 2 V for 10 hours cumulative time, remaining time at 1.2 V + 10%
–0.3
1.32
V
VFLASH
SR Flash core voltage3,4
3 The V
FLASH supply is connected to VRC33 in the package substrate. This specification applies to calibration package
devices only.
4 Allowed 5.3 V for 10 hours cumulative time, remaining time at 3.3 V + 10%
–0.3
3.6
V
VSTBY
SR SRAM standby voltage5
5 Allowed 5.9 V for 10 hours cumulative time, remaining time at 5 V + 10%
–0.3
6.0
V
VDDPLL
SR Clock synthesizer voltage3
–0.3
1.32
V
VRC33
SR Voltage regulator control input voltage4
–0.3
3.6
V
VDDA
SR Analog supply voltage5
Reference to VSSA
–0.3
5.5
V
VDDE
SR I/O supply voltage4,6
–0.3
3.6
V
VDDEH
SR I/O supply voltage5,7
–0.3
5.5
V
VIN
SR DC input voltage8
VDDEH powered I/O pads
–1.010
VDDEH +
0.3 V9
V
VDDE powered I/O pads
–1.014
VDDE +
0.3 V10
VDDA powered I/O pads
–1.0
5.5
VDDREG
SR Voltage regulator supply voltage
–0.3
5.5
V
VRH
SR Analog reference high voltage
Reference to VRL
–0.3
5.5
V
VSS – VSSA
SR VSS differential voltage
–0.1
0.1
V
VRH – VRL
SR VREF differential voltage
–0.3
5.5
V
VRL – VSSA
SR VRL to VSSA differential voltage
–0.3
0.3
V
VSSPLL – VSS SR VSSPLL to VSS differential voltage
–0.1
0.1
V
IMAXD
SR Maximum DC digital input current11
Per pin, applies to all digital
pins
–3
3
mA
IMAXA
SR Maximum DC analog input current12
Per pin, applies to all analog
pins
—513
mA
TJ
SR Maximum operating temperature
range — die junction temperature
–40.0
150.0
oC
TSTG
SR Storage temperature range
–55
150
°C
TSDR
SR Maximum solder temperature14
—
260
°C
MSL
SR Moisture sensitivity level15
—3
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com