Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPL3115A2R1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPL3115A2R1
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2R1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPL3115A2R1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL3115A2R1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Freescale Semiconductor
Document Number: MPL3115A2
Data Sheet: Advance Information
Rev 2.2, 07/2012
An Energy Efficient Solution by Freescale
© 2011-2012 Freescale Semiconductor, Inc. All rights reserved.
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
I2C Precision Altimeter
The MPL3115A2 employs a MEMS pressure sensor with an I2C interface to
provide accurate Pressure/Altitude and Temperature data. The sensor outputs
are digitized by a high resolution 24-bit ADC. Internal processing removes
compensation tasks from the host MCU system. Multiple user-programmable,
power saving, interrupt and autonomous data acquisition modes are available,
including programmed acquisition cycle timing, and poll-only modes. Typical
active supply current is 40
A per measurement-second for a stable 30 cm
output resolution. Pressure output can be resolved with output in fractions of a
Pascal, and Altitude can be resolved in fractions of a meter.
The MPL3115A2 is offered in a 5 mm by 3 mm by 1.1 mm LGA package and
specified for operation from -40
C to 85C. Package is surface mount with a
stainless steel lid and is RoHS compliant.
Features
•
1.95V to 3.6V Supply Voltage, internally regulated by LDO
•
1.6V to 3.6V Digital Interface Supply Voltage
•
Fully Compensated internally
•
Direct Reading, Compensated
– Pressure: 20-bit measurement (Pascals)
– Altitude: 20-bit measurement (meters)
– Temperature: 12-bit measurement (degrees Celsius)
•
Programmable Events
•
Autonomous Data Acquisition
•
Resolution down to 1 ft. / 30 cm
•
32 Sample FIFO
•
Ability to log data up to 12 days using the FIFO
•
1 second to 9 hour data acquisition rate
•
I
2C digital output interface (operates up to 400 kHz)
Application Examples
•
High Accuracy Altimetry
•
Smartphones/Tablets
•
Personal Electronics Altimetry
•
GPS Dead Reckoning
•
GPS Enhancement for Emergency Services
•
Map Assist, Navigation
•
Weather Station Equipment
ORDERING INFORMATION
Device Name
Package Options
Case No.
# of Ports
Pressure Type
Digital
Interface
None
Single
Dual
Gauge
Differential
Absolute
MPL3115A2
Tray
2153
•
•
•
MPL3115A2R1
Tape & Reel (1000)
2153
•
•
•
MPL3115A2
50 to 110 kPa
Top View
LGA PACKAGE
5.0 mm by 3.0 mm by 1.1 mm
1
INT1
SDA
VDD
CAP
VDDIO
GND
INT2
SCL
2
3
4
8
7
6
5
Pin Connections


Similar Part No. - MPL3115A2R1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPL3115A2R1 NXP-MPL3115A2R1 Datasheet
991Kb / 50P
I2C precision pressure sensor with altimetry
Rev.5.1-13 September 2016
More results

Similar Description - MPL3115A2R1

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5561-C INTERSEMA-MS5561-C Datasheet
601Kb / 19P
MICRO ALTIMETER
logo
List of Unclassifed Man...
HP203B ETC2-HP203B Datasheet
860Kb / 18P
PRECISION BAROMETER AND ALTIMETER SENSOR
HP206C ETC2-HP206C Datasheet
574Kb / 17P
PRECISION BAROMETER AND ALTIMETER SENSOR
logo
HOPE Microelectronics C...
HP203B HOPE-HP203B Datasheet
860Kb / 18P
PRECISION BAROMETER AND ALTIMETER SENSOR
HP203N HOPE-HP203N Datasheet
694Kb / 12P
PRECISION BAROMETER AND ALTIMETER SENSOR
HP206C HOPE-HP206C Datasheet
574Kb / 17P
PRECISION BAROMETER AND ALTIMETER SENSOR
HP206F HOPE-HP206F Datasheet
621Kb / 16P
PRECISION BAROMETER AND ALTIMETER S
HP303S HOPE-HP303S Datasheet
889Kb / 30P
PRECISION BAROMETER AND ALTIMETER SENSOR
HP5804 HOPE-HP5804 Datasheet
502Kb / 12P
PRECISION BAROMETER AND ALTIMETER SENSOR
HP5806 HOPE-HP5806 Datasheet
725Kb / 25P
PRECISION BAROMETER AND ALTIMETER SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com