Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4206 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # TLE4206
Description  1-A DC Motor Driver for Servo Driver Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4206 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  TLE4206 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4206 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
P-DIP-16-5
P-DSO-14-4
1-A DC Motor Driver for Servo Driver Applications
TLE 4206
Semiconductor Group
1
1998-02-01
Description
The TLE 4206 is a fully protected H-Bridge Driver designed specifically for automotive
headlight beam control and industrial servo control applications.
The part is built using the Siemens bipolar high voltage power technology DOPL.
The standard enhanced power P-DSO-14 package meets the application requirements
and saves PCB-board space and costs. A P-DIP-16 package is also available.
The servo-loop-parameter pos.- and neg. Hysteresis, pos.- and neg. deadband and
angle-amplification are programmable with external resitors.
An internal window-comparator controls the input line. In the case of a fault condition,
like short circuit to GND, short circuit to supply-voltage, and broken wire, the
TLE 4206 stops the motor immediately (brake condition).
The “programable current-peak-blanking” disables the servo-loop during the
V
S voltage
drop caused by the stall current spike. So there is no need of an electrolytic blocking
capacitor at the
V
S-terminal.
Furthermore the built in features like over- and undervoltage-lockout, short-circuit-
protection and over-temperature-protection will open a wide range of automotive- and
industrial applications.
Overview
Features
• Optimized for headlight beam control applications
• Current-peak-blanking (no electrolytic capacitor at
V
S)
• Delivers up to 0.8 A continuous
• Low saturation voltage
; typ.1.2 V total @ 25
°C; 0.4 A
• Output protected against short circuit
• Overtemperature protection with hysteresis
• Over- and undervoltage lockout
• No crossover current
• Internal clamp diodes
• Enhanced power packages
Type
Ordering Code
Package
TLE 4206
Q67000-A9303
P-DIP-16-5
TLE 4206 G
Q67006-A9299
P-DSO-14-4


Similar Part No. - TLE4206

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4206-2G INFINEON-TLE4206-2G Datasheet
621Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4206-2G INFINEON-TLE4206-2G Datasheet
494Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.3, 2017-05-19
TLE4206-2G INFINEON-TLE4206-2G_17 Datasheet
494Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.3, 2017-05-19
TLE4206-4G INFINEON-TLE4206-4G Datasheet
362Kb / 16P
H-Bridge Driver Headlight Beam Controller
Rev. 1.0, 2010-08-05
TLE4206G INFINEON-TLE4206G Datasheet
607Kb / 15P
1-A DC Motor Driver for Servo Driver Applications TLE 4206G
V1.1 2007-08-10
More results

Similar Description - TLE4206

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4205 SIEMENS-TLE4205 Datasheet
133Kb / 13P
1-A DC Motor Driver
logo
Infineon Technologies A...
TLE4209 INFINEON-TLE4209 Datasheet
93Kb / 12P
DC Motor Driver for Servo Driver Applications
2000-09-05
TLE4206G INFINEON-TLE4206G Datasheet
607Kb / 15P
1-A DC Motor Driver for Servo Driver Applications TLE 4206G
V1.1 2007-08-10
TLE4209A INFINEON-TLE4209A Datasheet
329Kb / 14P
DC Motor Driver for Servo Driver Applications
Rev.1.1, 2007-07-24
TLE4206-2G INFINEON-TLE4206-2G Datasheet
621Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4206G INFINEON-TLE4206G_15 Datasheet
605Kb / 15P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4209A INFINEON-TLE4209A_16 Datasheet
404Kb / 14P
DC Motor Driver for Servo Driver Applications
Rev.1.2, 2016-07-25
TLE4206-2G INFINEON-TLE4206-2G_17 Datasheet
494Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.3, 2017-05-19
TLE4726G INFINEON-TLE4726G_17 Datasheet
469Kb / 15P
0.8A DC Motor Driver for Servo Driver Applications
Rev. 1.4, May 2017
logo
IK Semicon Co., Ltd
IK8508 IKSEMICON-IK8508 Datasheet
723Kb / 12P
DC Motor Driver for Servo Driver Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com