Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4207 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # TLE4207
Description  1-A Dual-HBD (Dual-Half-Bridge Driver)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4207 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  TLE4207 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4207 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4207 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4207 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4207 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4207 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4207 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4207 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4207 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
P-DSO-14-4
P-DSO-20-6
1-A Dual-HBD (Dual-Half-Bridge Driver)
TLE 4207
Semiconductor Group
1
1998-02-01
Overview
Features
• Delivers up to 0.8 A continuous
• Optimized for DC motor management applications
• Very low current consumption
in stand-by (Inhibit) mode
• Low saturation voltage
; typ.1.2 V total @ 25
°C; 0.4 A
• Output protected against short circuit
• Error flag diagnosis
• Overvoltage lockout and diagnosis
• Undervoltage lockout
• CMOS/TTL compatible inputs with hysteresis
• No crossover current
• Internal clamp diodes
• Overtemperature protection with hysteresis
and diagnosis
• Enhanced power P-DSO-Package
Description
The TLE 4207 is a fully protected Dual-Half-Bridge-Driver designed specially for
automotive and industrial motion control applications.
The part is built using the Siemens bipolar high voltage power technology DOPL.
The actuator (DC motor) can be connected direct between the halfbridges. Operation
modes forward (cw), reverse (ccw), brake and high impedance are invoked from a
standard interface. The standard enhanced power P-DSO-14 package meets the
application requirements and saves PCB-board space and costs.
Furthermore the built in features like diagnosis, over- and undervoltage-lockout, short-
circuit-protection, over-temperature-protection and the very low quiescent current in
stand-by mode will open a wide range of automotive and industrial applications.
Type
Ordering Code
Package
TLE 4207 G
Q67006-A9275
P-DSO-14-4
TLE 4207 GL
on request
P-DSO-20-6


Similar Part No. - TLE4207

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4207G INFINEON-TLE4207G Datasheet
347Kb / 15P
1-A Dual-HBD (Dual-Half-Bridge Driver) TLE4207G
Rev. 1.1, 2008-01-08
TLE4207G INFINEON-TLE4207G Datasheet
370Kb / 15P
1-A Dual-HBD (Dual-Half-Bridge Driver)
Rev. 1.2, 2017-05-19
TLE4207G INFINEON-TLE4207G_17 Datasheet
370Kb / 15P
1-A Dual-HBD (Dual-Half-Bridge Driver)
Rev. 1.2, 2017-05-19
More results

Similar Description - TLE4207

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9997ND STMICROELECTRONICS-L9997ND Datasheet
96Kb / 9P
DUAL HALF BRIDGE DRIVER
Apr-1999
logo
Siemens Semiconductor G...
TLE4208 SIEMENS-TLE4208 Datasheet
63Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
logo
Infineon Technologies A...
TLE6282G INFINEON-TLE6282G Datasheet
220Kb / 14P
Dual Half Bridge Driver IC
Rev 2.2 2006-03-07
TLE4207G INFINEON-TLE4207G Datasheet
347Kb / 15P
1-A Dual-HBD (Dual-Half-Bridge Driver) TLE4207G
Rev. 1.1, 2008-01-08
TLE4208 INFINEON-TLE4208 Datasheet
113Kb / 14P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2004-02-27
TLE4208G INFINEON-TLE4208G Datasheet
937Kb / 16P
1-A Quad-HBD (Quad-Half-Bridge Driver)
2008-02-04
logo
New Japan Radio
NJW4810A NJRC-NJW4810A Datasheet
153Kb / 12P
Dual Half Bridge Driver
logo
Allegro MicroSystems
A3910 ALLEGRO-A3910_16 Datasheet
245Kb / 7P
Dual Half Bridge Motor Driver
logo
Infineon Technologies A...
TLE4207G INFINEON-TLE4207G_17 Datasheet
370Kb / 15P
1-A Dual-HBD (Dual-Half-Bridge Driver)
Rev. 1.2, 2017-05-19
TLE6282G INFINEON-TLE6282G_11 Datasheet
312Kb / 16P
Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com