Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4261-2 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # TLE4261-2
Description  5-V Low-Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4261-2 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  TLE4261-2 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4261-2 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4261-2 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4261-2 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4261-2 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4261-2 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4261-2 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4261-2 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4261-2 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TLE 4261-2
Semiconductor Group
2
1998-11-01
Application Description
The IC regulates an input voltage
V
I in the range 6V< VI <40V to VQrated =5.0 V. A
reset signal is generated for an output voltage
V
O of < 4.75 V. The reset delay can be
set with an external capacitor. A connected microprocessor is monitored by the
integrated watchdog circuit; if pulses are missing, the reset output is set low. The pulse
repetition rate can be set within wide limits with the capacitor for reset delay. If this input
is connected to a voltage of > 6 V, the watchdog function is deactivated. The device also
features an inhibit input, which is activated by a voltage of > 6 V and then works on this
input through internal hysteresis up to approx. 3 V. A voltage of < 2 V on the inhibit input
turns off the regulator, current drain then dropping to max. 50
µA.
Design Notes for External Components
The input capacitor
C
I causes a low-resistant powerline and limits the rise times of the
input voltage. The IC is protected against rise times up to 100 V/
µs. It is possible to damp
the tuned circuit consisting of supply inductance and input capacitance with a resistor of
approx. 1
Ω in series to C
I.
The output capacitor maintains the stability of the regulating loop. Stability is guaranteed
with a rating of 22
µF min. at an ESR of 3 Ω max. in the operating temperature range.
Circuit Description
The control amplifier compares a reference voltage, which is kept highly accurate by
resistance adjustment, to a voltage that is proportional to the output voltage and controls
the base of the series PNP transistor via a buffer. Saturation control as a function of the
load current prevents any over-saturation of the power element. If the output voltage
drops below 95.5% of its typical value for more than 2
µs, a reset signal is triggered on
pin 3 and an external capacitor discharged on pin 5. The reset signal is not cancelled
until the voltage on the capacitor has exceeded the upper switching threshold
V
DT. A
positive-edge-triggered watchdog circuit monitors the connected microprocessor and
will likewise trigger a reset if pulses are missing. The IC can be disabled by a low level
on the inhibit input and the current consumption drops to
< 50 µA.
The IC also incorporates a number of circuits for protection against:
• Overload
• Overvoltage
• Overtemperature
• Reverse polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com