Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4261 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # TLE4261
Description  5-V Low-Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4261 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button TLE4261 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 12Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 13Page - Siemens Semiconductor Group TLE4261 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TLE 4261
Semiconductor Group
10
1998-11-01
Delay time
t
D
–10
–
ms
C
D = 100 nF
Delay time
t
t
–2
–
µs–
Watchdog
Turn-OFF voltage
V
W
5.2
5.6
6.0
V
–
Discharge current
I
CD
5.6
7.5
9.4
µA
V
C = 1.5 V
Switching voltage
V
CD
2.95
3.05
3.15
V
–
Pulse interval
T
W
–35
–
ms
C
D = 100 nF
General Data
Turn-OFF voltage
V
IOFF
41
43
45
V
I
Q < 1 mA
Turn-OFF hysteresis
∆V
I
–6.5
–V
–
Leakage current
I
QS
––
50
µA
V
Q = 0 V; VI = 45 V
Reverse output
current
I
QR
––
1.5
mA
V
Q = 5 V; VI and V2
open
Characteristics (cont’d)
V
I = 13.5 V; Tj = 25 °C; V2 ≥ 6 V; (unless specified otherwise)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com