Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4265 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # TLE4265
Description  5-V Low-Drop Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4265 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  TLE4265 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TLE 4265
Semiconductor Group
3
1998-11-01
Circuit Description
The control amplifier compares a highly precise reference voltage, produced by resistor
alignment, to a voltage that is proportional to the output voltage and drives the base of
the series transistor via a buffer. A saturation control, a function of the load current,
prevents any over-saturating of the power element. If the output voltage drops below
4.5 V, the external reset-delay capacitor is discharged by the reset generator. If the
voltage on the capacitor reaches the lower threshold
V
ST, a signal is triggered on the
reset output and not canceled again until the upper threshold
V
dT is exceeded. The IC is
protected against overload, overtemperature and reverse polarity.
Saturation
Control and
Protection
Adjustment
Reset
Generator
Buffer
+
-
Control
Amplifier
Temperature
Sensor
Bandgap
Reference
1
5
4
2
Output
Reset
Delay
Reset
Output
In-
put
GND
3
AEB01493



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com