Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4268GS Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # TLE4268GS
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4268GS Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button TLE4268GS Datasheet HTML 5Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 6Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 7Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 8Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 9Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 10Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 11Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 12Page - Siemens Semiconductor Group TLE4268GS Datasheet HTML 13Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TLE 4268
Semiconductor Group
10
1998-11-01
Drop Voltage
V
Dr versus
Output Current
I
Q
Current Consumption
I
q
versus Input Voltage
V
i
Current Consumption
I
q
versus Output Current
I
Q
Output Voltage versus
Input Voltage
V
i
AED01544
0
0
= 125
VDR
T
mV
C
100
200
300
400
500
600
700
Q
Ι
50
100
150
200
mA
C
T
25
=
250
j
j
AED01546
0
0
=33
Ω
R
Ι
q
V
2
4
6
8
10
mA
10
20
30
40
V
L
Ι
L
R
Ω
50
=
L
R
Ω
100
=
Tj
C
25
=
AED01545
0
50
150
200
0
2
6
10
12
14
Q
Ι
q
Ι
250
VΙ =13.5 V
mA
4
8
100
mA
T
25
=
j
C
AED01547
0
0
VQ
V
2
4
6
8
10
mA
24
6
8
V
Ι
L
R
Ω
33
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com