Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4269 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # TLE4269
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4269 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button TLE4269 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4269 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4269 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4269 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4269 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4269 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4269 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4269 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4269 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TLE 4269
Semiconductor Group
8
1998-11-01
Sense Output
Voltage
V
SO
–
0.3
7
V
–
Current
I
SO
–
–
–
internal limited
5-V Output
Output voltage
V
Q
–
0.3
7
V
–
Output current
I
Q
–5
–
mA
–
Temperature
Junction temperature
T
j
–
150
°C–
Storage temperature
T
Stg
–
50
150
°C
–
Operating Range
Input voltage
V
I
–45
V
–
Junction temperature
T
j
–
40
150
°C
–
Thermal Data
Junction-ambient
R
thja
–
100
200
70
70
K/W
K/W
K/W
K/W
P-DIP-8-4
P-DSO-8-1
P-DSO-14-4
P-DSO-20-6
R
thjc
–60
60
30
30
K/W
K/W
K/W
K/W
P-DIP-8-4
P-DSO-8-1
P-DSO-14-4
P-DSO-20-6
Absolute Maximum Ratings (cont’d)
T
j = – 40 to 150 °C
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com