Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4274 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # TLE4274
Description  Low-Drop Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4274 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  TLE4274 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4274 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4274 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4274 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4274 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4274 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4274 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4274 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4274 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TLE 4274
Semiconductor Group
4
1998-11-01
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit.
Absolute Maximum Ratings
T
j = – 40 to 150 °C
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.
Voltage Regulator
Input
Voltage
V
I
–42
45
V
–
Current
I
I
––
–
Internally limited
Output
Voltage
V
Q
–1.0
40
V
–
Current
I
Q
–
–
–
Internally limited
Ground
Current
I
GND
–100
mA
–
Temperature
Junction temperature
T
j
–150
°C–
Storage temperature
T
stg
–50
150
°C–
Operating Range
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
Input voltage
V
I
5.5
9.0/10.5
40
40/40
V
V50
V85/V10
Junction temperature
T
j
–40
150
°C–
Thermal Resistance
Junction ambient
R
thja
–65
K/W TO220
Junction ambient
R
thja
–70
K/W TO252
1), TO263
1)
Soldered in, min. footprint
Junction case
R
thjc
–4K/W –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com