Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4276 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # TLE4276
Description  Low-Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4276 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button TLE4276 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4276 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4276 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4276 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4276 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4276 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4276 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4276 Datasheet HTML 12Page - Siemens Semiconductor Group TLE4276 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Semiconductor Group
9
1998-11-01
TLE 4276
Drop Voltage V
DR versus
Output Current I
Q
Current Consumption I
q versus
Output Current I
Q (high load)
Max. Output Current I
Q versus
Input Voltage V
I
Current Consumption I
q versus
Output Current I
Q (low load)
0
0
100
400
600
200
V dr
mV
400
200
Ι
Q
mA
AED01962
j
T = 25 C
Vdr = QNOM-0.1 V
V
j
T = 125 C
300
100
300
0
0
200
40
60
20
mA
600
400
Ι
Q
mA
AED01964
V Ι
q
Ι
= 13.5 V
T = 25 C
j
100
300
10
30
20
010
0
mA
800
Q
Ι
= 25 C
T j
50
V
30
40
V Ι
AED01963
200
400
600
= 0 V
VQ
30
0
010
20
mA
40
60
Q
Ι
0.1
0.2
0.3
mA
0.6
0.4
Ι
q
AED01965
T
V
= 25 C
= 13.5 V
Ι
j
Typical Performance Characteristics (V50, V85 and V10):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com