Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4279A Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # TLE4279A
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4279A Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  TLE4279A Datasheet HTML 1Page - Siemens Semiconductor Group TLE4279A Datasheet HTML 2Page - Siemens Semiconductor Group TLE4279A Datasheet HTML 3Page - Siemens Semiconductor Group TLE4279A Datasheet HTML 4Page - Siemens Semiconductor Group TLE4279A Datasheet HTML 5Page - Siemens Semiconductor Group TLE4279A Datasheet HTML 6Page - Siemens Semiconductor Group TLE4279A Datasheet HTML 7Page - Siemens Semiconductor Group TLE4279A Datasheet HTML 8Page - Siemens Semiconductor Group TLE4279A Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TLE 4279
Semiconductor Group
3
1998-11-01
Pin Configuration
(top view)
Pin Definitions and Functions (TLE 4279 GL)
Pin No.
Symbol
Function
1RE
Reset threshold; if not needed connect to ground.
2D
Reset delay; to select delay time connect to GND via
external capacitor.
4-7, 14-17
GND
Ground
10
R
Reset output; open-collector output
11
SO
Sense output; open-collector output
12
Q
Output; connect to GND with 10
µF capacitor, ESR < 10 Ω
19
I
Input; block directly to GND at the IC by a ceramic capacitor
20
SI
Sense input; if not needed connect to Q
P-DSO-20-6
N.C.
12
11
N.C.
N.C.
GND
1
2
3
4
20
5
19
6
18
7
N.C.
17
8
Q
16
9
15
10
14
13
RE
D
GND
Ι
AEP01802
N.C.
GND
GND
R
S
GND
SO
GND
GND
GND
Ι



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com