Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4286G Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # TLE4286G
Description  5-V Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4286G Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  TLE4286G Datasheet HTML 1Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 2Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 3Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 4Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SCT-595
Semiconductor Group
1
1998-11-01
5-V Voltage Regulator
TLE 4286 G
Functional Description
The TLE 4286 G is a 5-V low-drop fixed voltage regulator in the very small SMD package
SCT-595. The maximum input voltage is 42 V. The output is able to drive a load of more
than 10 mA while it regulates the output voltage within a 4% accuracy.
The device can be switched in stand-by mode via an inhibit input which causes the
current consumption to drop below 1
µA.
A temperature protection that disables the circuit at over temperature is incorporated.
Type
Ordering Code
Package
TLE 4286 G
Q67006-A9304
SCT-595 (SMD)
Features
• Wide operation range: 6.2 V to 42 V
• Wide temperature range: – 40
°C to 150 °C
• Low quiescent current consumption: 50
µA
• Output protected against short circuit
• Over-temperature protection
• Inhibit input
• Very low current consumption in
stand-by (Inhibit) mode
• Very small SMD-Package SCT-595


Similar Part No. - TLE4286G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4286G INFINEON-TLE4286G Datasheet
239Kb / 11P
5-V Voltage Regulator 15 mA output current capability
Rev. 2.3, 2008-04-21
TLE4286G INFINEON-TLE4286G_08 Datasheet
239Kb / 11P
5-V Voltage Regulator 15 mA output current capability
Rev. 2.3, 2008-04-21
More results

Similar Description - TLE4286G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G Datasheet
158Kb / 13P
5-V Voltage Regulator
Version 1.3 2001-09-12
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4285G INFINEON-TLE4285G Datasheet
201Kb / 11P
5-V Voltage Regulator
Rev. 2.1, 2004-01-01
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
logo
STMicroelectronics
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
5 V low dropout voltage regulator
19-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com