Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4470GS Datasheet(PDF) 15 Page - Siemens Semiconductor Group

Part # TLE4470GS
Description  Dual Low-Drop Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4470GS Datasheet(HTML) 15 Page - Siemens Semiconductor Group

Back Button TLE4470GS Datasheet HTML 11Page - Siemens Semiconductor Group TLE4470GS Datasheet HTML 12Page - Siemens Semiconductor Group TLE4470GS Datasheet HTML 13Page - Siemens Semiconductor Group TLE4470GS Datasheet HTML 14Page - Siemens Semiconductor Group TLE4470GS Datasheet HTML 15Page - Siemens Semiconductor Group TLE4470GS Datasheet HTML 16Page - Siemens Semiconductor Group TLE4470GS Datasheet HTML 17Page - Siemens Semiconductor Group TLE4470GS Datasheet HTML 18Page - Siemens Semiconductor Group TLE4470GS Datasheet HTML 19Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
TLE 4470
Semiconductor Group
15
1998-11-01
Figure 4
Reset Timing
Reset Switching Threshold
The internally set reset threshold is 4.65 V. When using the TLE 4470 G (P-DSO-20-6)
this threshold can be adjusted to 3.5 V <
V
RTH < 4.6 V by connecting an external voltage
divider to pin RADJ. If this pin is not needed, it can be left open or even better connected
to GND.
R
1 = R2 × (VRT – Vref) / Vref
Definitions:
V
RT
= Reset threshold
V
ref
= comparator reference voltage, typical 1.35 V
(Reset adjust input current
≈ 50 nA)
The reset output pin is internally connected to the stand-by output Q1 via a 30 k
Ω pull-up
resistor. The reset LOW signal at pin RQ in guaranteed down to an output voltage
V
Q1 of
1 V typical.
AED01542
Thermal
t d
Power-on-Reset
Voltage Dip
Secondary
Overload
at Output
Spike
VST
VΙ
V
D
V
RO
d
Ι
=
V
d
dt
V
Q
RT
V
t RR
<
RR
t
VDT
at Input
Undervoltage
Shutdown
CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com