Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-2014-2S-4-N-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-2014-2S-4-N-R
Description  MODULAR JACK, RJ45 TOP ENTRY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-2014-2S-4-N-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-2014-2S-4-N-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2009 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
= Assmann logo
A-2014-2S-4-N-R
Modular Jack, RJ45 Top Entry,
PCB, Shielded, 180°, 6—”
Material:
• Housing: PBT Glass Filled (UL 94V-0)
• Soldering Temperature: 235°C
• Color: Black
• Spring Wire: 0.35MM Dia. Phosphor Bronze Gold
Plating over Nickel
• Shielded: Brass Plating Nickel
• Temperature Range: -40°C ~ +85°C
• Durability: 500 Mating cycles Min.
Electrical:
• Insulation Resistance: 500M
Min.
• Contact Resistance: 20M
Max.
• Rating Current: 1.5A Max.
• Rating Voltage: 120V AC
• Dielectric Voltage: 1,000V RMS 60 Sec. Min.
PCB Layout
(Top View)
16.05
SHIELDED
15.80
Ø0.90
16.50
3.25±0.40
Ø1.60
Ø3.20
8


Similar Part No. - A-2014-2S-4-N-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-2014-2S-4-N ASSMANN-A-2014-2S-4-N Datasheet
211Kb / 1P
ASS 5708 CO
More results

Similar Description - A-2014-2S-4-N-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0955522887 MOLEX11-0955522887 Datasheet
129Kb / 3P
Modular Jack, Top Entry, Shielded, 8/8
logo
Assmann Electronics Inc...
A-2004-2-4-LP-FS-R ASSMANN-A-2004-2-4-LP-FS-R Datasheet
215Kb / 1P
Modular Jack, RJ45, 90, Side Entry
logo
Abracon Corporation
ARJ268-359976-SMT ABRACON-ARJ268-359976-SMT Datasheet
1Mb / 2P
RJ45 Jack, Top Entry, SMT Unshielded, 8P8C
11.17.15
logo
Wurth Elektronik GmbH &...
634104149621 WURTH-634104149621 Datasheet
497Kb / 3P
VERTICAL PLASTIC MODULAR JACK SMT 4P4C TOP ENTRY
logo
Pulse A Technitrol Comp...
E5288-3A0C02-L PULSE-E5288-3A0C02-L Datasheet
97Kb / 1P
RJ45 TOP ENTRY PCB JACK
E5288-3FOB41-L PULSE-E5288-3FOB41-L Datasheet
67Kb / 1P
RJ45 TOP ENTRY PCB MODULAR JACK
E5288-310041-L PULSE-E5288-310041-L Datasheet
75Kb / 1P
RJ45 TOP ENTRY PCB MODULAR JACK
E5288-320044-L PULSE-E5288-320044-L Datasheet
92Kb / 1P
RJ45 TOP ENTRY PCB MODULAR JACK
E5288-R30B41-L PULSE-E5288-R30B41-L Datasheet
67Kb / 1P
RJ45 TOP ENTRY PCB JACK
logo
Wurth Elektronik GmbH &...
634108185321 WURTH-634108185321 Datasheet
609Kb / 7P
WR-MJ Modular Jack Top Entry
002.001
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com