Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4945-2L Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # TLE4945-2L
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4945-2L Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button TLE4945-2L Datasheet HTML 5Page - Siemens Semiconductor Group TLE4945-2L Datasheet HTML 6Page - Siemens Semiconductor Group TLE4945-2L Datasheet HTML 7Page - Siemens Semiconductor Group TLE4945-2L Datasheet HTML 8Page - Siemens Semiconductor Group TLE4945-2L Datasheet HTML 9Page - Siemens Semiconductor Group TLE4945-2L Datasheet HTML 10Page - Siemens Semiconductor Group TLE4945-2L Datasheet HTML 11Page - Siemens Semiconductor Group TLE4945-2L Datasheet HTML 12Page - Siemens Semiconductor Group TLE4945-2L Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TLE 4905 L; TLE 4935 L;
TLE 4935-2 L; TLE 4945 L; TLE 4945-2L
Semiconductor Group
9
1997-09-01
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
j = 25 °C and
the given supply voltage.
Junction Temperature T
j = 150 ˚C
Turn-ON
induction
Turn-OFF
induction
Hysteresis
(B
OP-BRP)
B
OP
B
RP
∆B
HY
6
4
2
17
14
5
7
– 18
14
18
– 7
36
12
– 25
24
25
– 12
50
– 6
– 10
2
10
6
10
– 3
– 6
1
6
3
5
mT
mT
mT
Magnetic Characteristics (cont’d)
3.8 V
≤ V
S ≤ 24 V
Parameter
Symbol
Limit Values
Unit
TLE 4905
unipolar
TLE 4935
bipolar
latch
TLE 4935-2
bipolar
latch
TLE 4945
bipolar
latch
TLE 4945-2
bipolar
latch
min. max. min. max. min. max. min. max. min. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com