Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5207 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # TLE5207
Description  5-A DC Motor Driver with Inhibit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE5207 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button TLE5207 Datasheet HTML 3Page - Siemens Semiconductor Group TLE5207 Datasheet HTML 4Page - Siemens Semiconductor Group TLE5207 Datasheet HTML 5Page - Siemens Semiconductor Group TLE5207 Datasheet HTML 6Page - Siemens Semiconductor Group TLE5207 Datasheet HTML 7Page - Siemens Semiconductor Group TLE5207 Datasheet HTML 8Page - Siemens Semiconductor Group TLE5207 Datasheet HTML 9Page - Siemens Semiconductor Group TLE5207 Datasheet HTML 10Page - Siemens Semiconductor Group TLE5207 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TLE 5207
Semiconductor Group
7
1998-02-01
Characteristics
V
S = 6 to 18 V; Tj = – 40 to 150 °C
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
General
Quiescent current
I
q
––5mA
I
L = 0 A
Quiescent current
I
q
20
40
µA
T
j = 25 °C
VI1 = VI2 = 0 V;
V
S = 12 V
Quiescent current
I
q
80
µA
VI1 = VI2 = 0 V;
V
S = 12 V
Turn-ON delay
t
d1
––20
µs
Input to Output
Turn-OFF delay
t
d2
––20
µs
Input to Output
Turn-ON time
t
r
––20
µs
I
Q = 2.5 A; cf diagram
Turn-OFF time
t
f
––20
µs
I
Q = 2.5 A; cf diagram
Undervoltage
Undervoltage
V
S
V
S
–
–
5.5
4.5
5.9
5.5
V
V
I
C ON
I
C OFF
Logic
Control inputs
H-input voltage
L-input voltage
V
IH
V
IL
2.8
–
–
–
–
1.2
V
V
–
–
Hysteresis of input
voltage
∆V
I
0.8
V
–
H-input current
L-input current
I
I
I
I
0
– 2
25
0
50
2
µA
µA
V
I = VIH = 2.8 V
V
I = VIL
Diagnostics output
Delay time
L-output voltage
Leakage current
t
d
V
FF
I
RD
20
–
–
40
–
–
75
0.4
10
µs
V
µA
–
I = 3 mA
–
Error detection
Switching threshold
Overcurrent
Overcurrent
V
EU
I
F1
I
F1
3.5
5
4.5
4.5
7
6
5.5
10
9
V
A
A
T
j ≤ 25 °C
25
°C < T
j ≤ 150 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com