Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5226G Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # TLE5226G
Description  Smart Quad Channel Low-Side Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE5226G Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button TLE5226G Datasheet HTML 5Page - Siemens Semiconductor Group TLE5226G Datasheet HTML 6Page - Siemens Semiconductor Group TLE5226G Datasheet HTML 7Page - Siemens Semiconductor Group TLE5226G Datasheet HTML 8Page - Siemens Semiconductor Group TLE5226G Datasheet HTML 9Page - Siemens Semiconductor Group TLE5226G Datasheet HTML 10Page - Siemens Semiconductor Group TLE5226G Datasheet HTML 11Page - Siemens Semiconductor Group TLE5226G Datasheet HTML 12Page - Siemens Semiconductor Group TLE5226G Datasheet HTML 13Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
TLE 5226 G
Semiconductor Group
Page
1998-02-04
13
Package and ordering code
all dimensions in mm
P - DSO - 20 - 10
Ordering code
Q67006-A9207
0.1
8°
1.2 -0.3
15.9 +/-0.15
A
2.8
8°
8°
8°
6.3
11 +/-0.15
1)
14.2 +/-0.3
110
11
20
PIN 1 INDEX MARKING
1 x 45°
13.7 -0.2
9 x
= 11.43
1.27
1.27
0.25
A
M
0.4 +0.13
15.74 +/- 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com