Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-CCS84-G-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-CCS84-G-R
Description  CHIP-CARRIER PLCC SOCKET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-CCS84-G-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-CCS84-G-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - A-CCS84-G-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-CCS84-G ASSMANN-A-CCS84-G Datasheet
175Kb / 1P
PLCC SOCKET SOLDER TAIL
A-CCS84-G ASSMANN-A-CCS84-G Datasheet
320Kb / 1P
Chip-Carrier PLCC socket
More results

Similar Description - A-CCS84-G-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT8510 ETC1-BT8510 Datasheet
6Mb / 78P
68-pin Plastic Leaded Chip Carrier (PLCC)
logo
Yamaichi Electronics Co...
IC51-0204-602 YAMAICHI-IC51-0204-602 Datasheet
128Kb / 3P
Plastic Lead Chip Carrier (PLCC)
IC120-0184-002 YAMAICHI-IC120-0184-002 Datasheet
367Kb / 4P
Plastic Lead Chip Carrier (PLCC)
logo
Ironwood Electronics.
CA-PLCC32-Z-J-01 IRONWOOD-CA-PLCC32-Z-J-01 Datasheet
33Kb / 1P
Carrier Adapter 32 position PLCC ZIF socket to surface mountable PLCC emulator foot.
CA-PLCC68-D-P-T-01 IRONWOOD-CA-PLCC68-D-P-T-01 Datasheet
62Kb / 1P
CARRIER ADAPTOR: 68 position PLCC socket with test points to 68 position PLCC socket plug.
CA-PLCC84-Z-C-T-01 IRONWOOD-CA-PLCC84-Z-C-T-01 Datasheet
24Kb / 1P
PLCC Carrier Adaptor 84 position PLCC ZIF socket to 84 position PLCC clip with test points.
logo
Assmann Electronics Inc...
A-CCS20-G ASSMANN-A-CCS20-G Datasheet
320Kb / 1P
Chip-Carrier PLCC socket
A-CCS28-G ASSMANN-A-CCS28-G Datasheet
320Kb / 1P
Chip-Carrier PLCC socket
A-CCS-032-Z-T ASSMANN-A-CCS-032-Z-T Datasheet
320Kb / 1P
Chip-Carrier PLCC socket
A-CCS84-G ASSMANN-A-CCS84-G Datasheet
320Kb / 1P
Chip-Carrier PLCC socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com