Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5250 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # TLE5250
Description  2.5-A High Performance Smart Power Stepper-Motor Driver with Diagnostic Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE5250 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  TLE5250 Datasheet HTML 1Page - Siemens Semiconductor Group TLE5250 Datasheet HTML 2Page - Siemens Semiconductor Group TLE5250 Datasheet HTML 3Page - Siemens Semiconductor Group TLE5250 Datasheet HTML 4Page - Siemens Semiconductor Group TLE5250 Datasheet HTML 5Page - Siemens Semiconductor Group TLE5250 Datasheet HTML 6Page - Siemens Semiconductor Group TLE5250 Datasheet HTML 7Page - Siemens Semiconductor Group TLE5250 Datasheet HTML 8Page - Siemens Semiconductor Group TLE5250 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TLE 5250
Semiconductor Group
5
1998-02-01
Application
Two TLE 5250 drivers are required to operate a bipolar stepping motor. To implement
full-step operation, a squarewave voltage with the required stepping frequency is applied
to the phase input of the upper driver, and the same squarewave voltage, but offset in
phase by 90
°el, to the phase input of the lower driver. Motor-current limiting is produced
by a DC signal that is applied to both nominal-current inputs. In microstep operation the
nominal current tracks sinusoidally and synchronously with the required stepping
frequency. This produces a sinusoidal current in the motor windings to ensure very
smooth running and a high stepping frequency. If an instantaneous nominal value (sine
or cosine) is held on the second driver, it is possible to set a certain angle of rotation while
the motor is stationary. The motor current produced by this depends on nominal voltage
and sense resistance (normally 0.5
Ω), i.e.
The actual voltage should be thoroughly filtered for precise current regulation, especially
in microstep operation. So the actual input is accessible, and an RC element is
necessary between the Sense output and Actual input. The resistance R
R should
correspond to the internal resistance of the nominal-current input-voltage source to
prevent additional voltage offset on the nominal/actual comparator.
Circuit Description
Outputs
Outputs Q1 and Q2 are fed by push-pull output stages. Four integrated free-wheeling
diodes referred to ground or the supply voltage protect the integrated circuit against
reverse voltages from an inductive load.
Enable and Phase
Outputs Q1 and Q2 can be disabled by a voltage V
Inh of ≤ 0.8 V on the Enable pin. The
sink transistors are enabled by V
Inh ≥ 2V.
The voltage on the Phase input determines the phase of the output current. Output Q1
acts as a sink for V
Ph ≤ 0.8 V and as a source for VPh ≥ 2V.
For output Q2 this is reversed: sink for V
Ph ≥ 2 V and source for VPh ≤ 0.8 V.
The sink transistors are chopped. Low signal on the Enable pin plus a clock signal on the
Phase pin enable readout of the multiplexer.
IM V
[]
Vnom V
[]
RS Ω
[]
-----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com