Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP60P Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # TP60P
Description  Silizium-Fotoelement Silicon Photovoltaic Cell
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TP60P Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  TP60P Datasheet HTML 1Page - Siemens Semiconductor Group TP60P Datasheet HTML 2Page - Siemens Semiconductor Group TP60P Datasheet HTML 3Page - Siemens Semiconductor Group TP60P Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TP 60 P
Semiconductor Group
201
Grenzwerte
Maximum Ratings
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40 ... + 80
°C
Sperrspannung
Reverse voltage
V
R
1V
Kennwerte (T
A = 25 °C, Normlicht A, T
= 2856 K)
Characteristics (T
A = 25 °C, standard light A, T
= 2856 K)
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Fotoempfindlichkeit,
V
R = 0 V
Spectral sensitivity
S
1 (
≥ 0.7)
µA/Ix
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S max
900
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10 % von S
max
Spectral range of sensitivity
S = 10 % of S
max
λ
400 ... 1120
nm
Bestrahlungsempfindliche Fläche
Radiant sensitive area
A
1.3
cm2
Form der bestrahlungsempfindlichen Fläche
Shape of radiant sensitive area
Sechseck
hexagon
Halbwinkel
Half angle
ϕ± 60
Grad
deg.
Dunkelstrom,
V
R = 1 V; E = 0
Dark current
I
R
0.1 (
≤ 2)
µA
Spektrale Fotoempfindlichkeit,
λ = 850 nm
Spectral sensitivity
Sλ
0.55
A/W
Quantenausbeute,
λ = 850 nm
Quantum yield
η
0.80
Electrons
Photon
Leerlaufspannung,
Open-circuit voltage
E
v = 1000 Ix
E
e = 0.5 mW/cm
2;
λ = 850 nm
V
O
V
O
450 (
≥ 270)
430
mV



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com