Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE103 Datasheet(PDF) 4 Page - SiGe Semiconductor, Inc.

Part # SE103
Description  LightCharger??2.5 Gb/s Transimpedance Amplifier Final
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE103 Datasheet(HTML) 4 Page - SiGe Semiconductor, Inc.

  SE103 Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 9Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SE1030W
LightCharger
™ 2.5 Gb/s Transimpedance Amplifier
Final
43-DST-01
§ Rev 1.5 § May 24/02
4 of 9
Absolute Maximum Ratings
These are stress ratings only. Exposure to stresses beyond these maximum ratings may cause permanent damage
to, or affect the reliability of the device. Avoid operating the device outside the recommended operating conditions
defined below.
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
–0.7
6.0
V
VIO
Voltage at any input or output
–0.5
VCC+0.5
V
IIO
Current sourced into any input or output except
TZ_IN
–20
20
mA
IIO
Current sourced into pin TZ_IN
–5
5
mA
VESD
Electrostatic Discharge (100 pF, 1.5 k
Ω) except
TZ_IN
–2
2
kV
VESD
Electrostatic Discharge (100 pF, 1.5 k
Ω) pin
TZ_IN
–0.25
0.25
kV
Tstg
Storage Temperature
–65
150
°C
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
3.1
3.3
3.5
V
Tj
Operating Junction Temperature
–40
125
°C
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
ICC max
Supply Current (max input current)
66
101
mA
ICC zero
Supply Current (zero input current)
52
85
mA
lagc
AGC Threshold
42
µA pk-pk
Vin
Input Bias Voltage
VCC–
1.57
VCC–
1.52
VCC–
1.47
V
Vout
Output Bias Voltage
VCC–
0.30
V
Rout
Output Resistance
35
50
65
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com