Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE4100L Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE4100L
Description  PointCharger??GPS Receiver IC Preliminary Information
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE4100L Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE4100L Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE4100L Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE4100L
GPS Receiver IC
Applications
Mobile phone & PDA accessories
Portable navigation and personal security
Security systems
Asset tracking
Telematics equipment
Features
35mW typical power consumption
Single conversion radio with integrated IF filters
On-chip, gain switchable LNA
Low LNA noise figure, 1.9 dB typ.
On chip crystal oscillator can be powered
up independently
Fully integrated VCO, resonator and PLL
Remote antenna current detection
4x4 mm 24 pin QFN - Pb Free and RoHS
compliant package
Ordering Information
Type
Package
Remark
SE4100L-R
24 Pin QFN
Shipped in
Tape & Reel
Product Description
The SE4100L is an integrated GPS receiver designed
to receive the L1 signal at 1575.420 MHz. The receiver
has a low IF architecture and integrates all of the
amplifier, oscillator, mixer and IF sampling functions.
The high level of integration reduces the external
component count to just 14 passives in addition to
power supply de-coupling and a 16.368 MHz crystal.
Furthermore, elimination of the need for an external
VCO resonator and RF filter reduces the critical off-chip
RF circuitry to just three matching components to
achieve optimum noise match at the LNA input.
Combined with the 4x4 mm LPCC package, this results
in a very small circuit footprint with no need for electrical
screening in many applications.
The SE4100L’s small size and BOM requirement is
complemented by just 35 mW typical operating power
consumption.
Digitally
controlled
shutdown
modes
enable the 16.368 MHz clock signal to the baseband
processor to be maintained separately from operation of
the rest of the receiver.
A switchable gain LNA enables the SE4100L to be used
with either a local passive antenna or with a remote
active
antenna
without
changing
the
circuit
configuration. An image reject mixer downconverts the
RF signal to a 4.092 MHz IF. The integrated IF filter
feeds a combiner, limiter and output latch. The output
signal is a 1-bit quantized 4.092 MHz digital IF.
Functional Block Diagram
~
Phase
Det.
~
~
~
÷96
Quadrature
÷2
IQ
+45° / -45°
Σ
~
Q
Clk
D
MixIn
LNAIn
LNA
Xtal1
Xtal2
Xtal
Oscillator
VCO
DataOut
Phase
Shift /
Combiner
D-type
IF Filter
Mixers
RF Amp
Vtune
AntDetP
AntDetN
AntOK
Ant current
monitor
27-DST-02
Rev 2.4
May-26-2009
1 of 2


Similar Part No. - SE4100L

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE4100L SIGE-SE4100L Datasheet
83Kb / 2P
GPS Receiver IC
SE4100L-R SIGE-SE4100L-R Datasheet
83Kb / 2P
GPS Receiver IC
More results

Similar Description - SE4100L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF002 MICREL-MICRF002 Datasheet
188Kb / 13P
QwikRadiotm Low Power UHF Receiver Preliminary Information
MICRF003 MICREL-MICRF003 Datasheet
216Kb / 16P
QwikRadiotm 900 MHz UHF Receiver Preliminary Information
MICRF011 MICREL-MICRF011 Datasheet
147Kb / 11P
QwikRadiotm Receiver/Data Demodulator Preliminary Information
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
PRELIMINARY INFORMATION
logo
SiGe Semiconductor, Inc...
SE4100L SIGE-SE4100L Datasheet
83Kb / 2P
GPS Receiver IC
SE4110L SIGE-SE4110L Datasheet
83Kb / 2P
GPS Receiver IC
SE4110S SIGE-SE4110S Datasheet
80Kb / 2P
GPS Receiver IC
SE4150L SIGE-SE4150L Datasheet
90Kb / 2P
GPS Receiver IC Preliminary Datasheet
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
Preliminary Technical Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com