Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-MCUP-80030-R-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-MCUP-80030-R-R
Description  Cat 5e UTP Patch Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-MCUP-80030-R-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-MCUP-80030-R-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2010 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
= Assmann logo
A-MCUP-80030/R-R
Cat 5e UTP Patch Cable - Red, 3 Meters
Unit: MM±1.0MM
Material:
• Wire: Cat. 5e UTP STR
• Plug: RJ45+S/R(YUS-01)
• Color: Red, RD210
3,000MM±1MM
PIN Out
PA/R
1
2
3
4
P1(T568B)
1
2
3
6
4
5
7
8
Wire
Wht/Org
Org
Wht/Grn
Green
Blue
Wht/Blue
Wht/Brn
Brn
P1(T568B)
1
2
3
6
4
5
7
8
Mating View
1
8
Plug
Molding
P1
Mating View
18
Plug
Molding
P2
114-140


Similar Part No. - A-MCUP-80030-R-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCUP-80030-R ASSMANN-A-MCUP-80030-R Datasheet
45Kb / 1P
Cat 5e UTP Patch Cable
More results

Similar Description - A-MCUP-80030-R-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCUP-80005-B-R ASSMANN-A-MCUP-80005-B-R Datasheet
45Kb / 1P
Cat 5e UTP Patch Cable
A-MCUP-80005-G-R ASSMANN-A-MCUP-80005-G-R Datasheet
45Kb / 1P
Cat 5e UTP Patch Cable
A-MCUP-80005-R-R ASSMANN-A-MCUP-80005-R-R Datasheet
45Kb / 1P
Cat 5e UTP Patch Cable
A-MCUP-80010-R ASSMANN-A-MCUP-80010-R Datasheet
45Kb / 1P
Cat 5e UTP Patch Cable
A-MCUP-80010-Y-R ASSMANN-A-MCUP-80010-Y-R Datasheet
45Kb / 1P
Cat 5e UTP Patch Cable
A-MCUP-80020-R-R ASSMANN-A-MCUP-80020-R-R Datasheet
45Kb / 1P
Cat 5e UTP Patch Cable
A-MCUP-80030-G-R ASSMANN-A-MCUP-80030-G-R Datasheet
46Kb / 1P
Cat 5e UTP Patch Cable
A-MCUP-80050-R ASSMANN-A-MCUP-80050-R Datasheet
45Kb / 1P
Cat 5e UTP Patch Cable
A-MCUP-80050-R-R ASSMANN-A-MCUP-80050-R-R Datasheet
46Kb / 1P
CAT 5E UTP PATCH CABLE
A-MCUP-80100-Y-R ASSMANN-A-MCUP-80100-Y-R Datasheet
45Kb / 1P
Cat 5e UTP Patch Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com