Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP319CF Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP319CF
Description  20Mbps, 5V-Only V.35 Interface with RS-232 V.28 Control Lines
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP319CF Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP319CF Datasheet HTML 6Page - Sipex Corporation SP319CF Datasheet HTML 7Page - Sipex Corporation SP319CF Datasheet HTML 8Page - Sipex Corporation SP319CF Datasheet HTML 9Page - Sipex Corporation SP319CF Datasheet HTML 10Page - Sipex Corporation SP319CF Datasheet HTML 11Page - Sipex Corporation SP319CF Datasheet HTML 12Page - Sipex Corporation SP319CF Datasheet HTML 13Page - Sipex Corporation SP319CF Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
SP319DS/08
SP319 20Mbps, +5V-Only V.35 Interface with RS-232 (V.28) Control Lines
© Copyright 2000 Sipex Corporation
PACKAGE:
QUAD FLATPACK
JEDEC "BE-2" OUTLINE
0.3" RAD. TYP.
0.2" RAD. TYP.
0.009"/0.015"
(0.220/0.380)
0.02559"/–
(0.65/–)
Seating
Plane
A1
A
A
DIMENSIONS in Inches
Minimum/Maximum
(mm)
A
A1
D
D1
E
E1
L
JEDEC BE-2 Outline
80–PIN
–/0.0925
(–/2.350)
–/0.010
(–/0.250)
0.667/0.687
(16.950/17.450)
0.547/0.555
(13.900/14.100)
0.667/0.687
(16.950/17.450)
0.547/0.555
(13.900/14.100)
0.0255/0.0375
(0.650/0.950)
PIN 1
E1
D1
D
CL
CL
E
L
10
°-16°
6
°±4°
0.005/0.009"
(0.13/0.23)
0
°–7°
10
°-16°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com