Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4145 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2N4145
Description  SCR, V(DRM) < 50V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2N4145 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2N4145 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2N4145

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N414 ETC1-2N414 Datasheet
267Kb / 3P
alloy-junction germanium transistors
logo
American Microsemicondu...
2N414 AMMSEMI-2N414 Datasheet
1Mb / 2P
GERMAIUM PNP MESA TRANSISTORS
logo
List of Unclassifed Man...
2N414 ETC1-2N414 Datasheet
2Mb / 6P
GERMANIUM PNP TRANSISTORS
logo
New Jersey Semi-Conduct...
2N4140 NJSEMI-2N4140 Datasheet
118Kb / 1P
NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
logo
List of Unclassifed Man...
2N4140 ETC1-2N4140 Datasheet
121Kb / 1P
General Purpose Transistors
More results

Similar Description - 2N4145

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
150C15B NJSEMI-150C15B Datasheet
112Kb / 1P
SCR, (DRM) = 100 V TO 199.9 V
2N877 NJSEMI-2N877 Datasheet
82Kb / 1P
SCR, V(DRM) < 50 V
2N1772 NJSEMI-2N1772 Datasheet
90Kb / 1P
SCR, V (DRM) = 100V TO 199.9 V
2N1774 NJSEMI-2N1774 Datasheet
111Kb / 1P
SCR, V (DRM) = 200V TO 299.9 V
2N3005 NJSEMI-2N3005 Datasheet
88Kb / 1P
SCR, V(DRM) < 50 V
2N3649 NJSEMI-2N3649 Datasheet
88Kb / 1P
SCR, V(DRM) = 50V TO 99.9V
2N4108 NJSEMI-2N4108 Datasheet
82Kb / 1P
SCR, V(DRM) = 50V TO 99.9V
2N4174 NJSEMI-2N4174 Datasheet
131Kb / 1P
SCR, V(DRM) == 600V TO 699.9V
2N4213 NJSEMI-2N4213 Datasheet
96Kb / 1P
SCR, V(DRM) = 50V TO 99.9V
2N4441 NJSEMI-2N4441 Datasheet
113Kb / 1P
SCR, V(DRM) = 50V TO 99.9V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com