Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3481 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP3481
Description  3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3481 Datasheet(HTML) 1 Page - Sipex Corporation

  SP3481 Datasheet HTML 1Page - Sipex Corporation SP3481 Datasheet HTML 2Page - Sipex Corporation SP3481 Datasheet HTML 3Page - Sipex Corporation SP3481 Datasheet HTML 4Page - Sipex Corporation SP3481 Datasheet HTML 5Page - Sipex Corporation SP3481 Datasheet HTML 6Page - Sipex Corporation SP3481 Datasheet HTML 7Page - Sipex Corporation SP3481 Datasheet HTML 8Page - Sipex Corporation SP3481 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
10/15/02
SP3481/3485 Low Power Half-Duplex RS485 Transceivers
© Copyright 2002 Sipex Corporation
SP3481/SP3485
■ RS-485 and RS-422 Transceivers
■ Operates from a single +3.3V supply
■ Interoperable with +5.0V logic
■ Driver/Receiver Enable
■ Low Power Shutdown Mode (SP3481)
■ -7V to +12V Common-Mode Input
Voltage Range
■ Allows up to 32 transceivers on
the serial bus
■ Compatibility with the industry
standard 75176 pinout
■ Driver Output Short-Circuit Protection
8
7
6
5
1
2
3
4
Vcc
B
A
GND
D
R
RO
RE
DE
DI
SP3481 and SP3485
RE
DESCRIPTION
The SP3481 and the SP3485 are a family of +3.3V low power half-duplex transceivers that
meet the specifications of the RS-485 and RS-422 serial protocols. These devices are pin-to-
pin compatible with the Sipex SP481, SP483, and SP485 devices as well as popular industry
standards. The SP3481 and the SP3485 feature Sipex's BiCMOS process, allowing low power
operation without sacrificing performance. The SP3481 and SP3485 meet the electrical
specifications of RS-485 and RS-422 serial protocols up to 10Mbps under load. The SP3481
is equipped with a low power Shutdown mode.
+3.3V Low Power Half-Duplex RS-485
Transceivers with 10Mbps Data Rate
®


Similar Part No. - SP3481

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3481 SIPEX-SP3481 Datasheet
125Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3481CN SIPEX-SP3481CN Datasheet
125Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3481CP SIPEX-SP3481CP Datasheet
125Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3481EN SIPEX-SP3481EN Datasheet
125Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3481EP SIPEX-SP3481EP Datasheet
125Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
More results

Similar Description - SP3481

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3490 SIPEX-SP3490 Datasheet
141Kb / 11P
3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3481 SIPEX-SP3481 Datasheet
125Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490 SIPEX-SP3490 Datasheet
124Kb / 11P
3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Maxim Integrated Produc...
MAX14840E MAXIM-MAX14840E Datasheet
1Mb / 15P
40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 0; 2/10
logo
Exar Corporation
SP3490 EXAR-SP3490 Datasheet
776Kb / 12P
3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3485EN-L EXAR-SP3485EN-L Datasheet
544Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceiver with 10Mbps Data Rate
SP3490EN-L EXAR-SP3490EN-L Datasheet
693Kb / 12P
3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490EN-L-TR EXAR-SP3490EN-L-TR Datasheet
776Kb / 12P
3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Maxim Integrated Produc...
MAX14840E MAXIM-MAX14840E_15 Datasheet
997Kb / 16P
40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 2; 7/15
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
Low Power Half-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com