Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3243ECA Datasheet(PDF) 24 Page - Sipex Corporation

Part # SP3243ECA
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3243ECA Datasheet(HTML) 24 Page - Sipex Corporation

Back Button SP3243ECA Datasheet HTML 16Page - Sipex Corporation SP3243ECA Datasheet HTML 17Page - Sipex Corporation SP3243ECA Datasheet HTML 18Page - Sipex Corporation SP3243ECA Datasheet HTML 19Page - Sipex Corporation SP3243ECA Datasheet HTML 20Page - Sipex Corporation SP3243ECA Datasheet HTML 21Page - Sipex Corporation SP3243ECA Datasheet HTML 22Page - Sipex Corporation SP3243ECA Datasheet HTML 23Page - Sipex Corporation SP3243ECA Datasheet HTML 24Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
Rev. 11/14/02
SP3223E +3.0V to +5.5V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
24
Model
Temperature Range
Package Types
SP3223ECP
0°C to +70°C
20-pin PDIP
SP3223ECA
0°C to +70°C
20-pin SSOP
SP3223ECY
0ºC to +70ºC
20-pin TSSOP
SP3223EEP
-40°C to +85°C
20-pin PDIP
SP3223EEA
-40°C to +85°C
20-pin SSOP
SP3223EEY
-40°C to +85°C
20-pin TSSOP
SP3243ECT
0°C to +70°C
28-pin Wide SOIC
SP3243ECA
0°C to +70°C
28-pin SSOP
SP3243EET
-40°C to +85°C
28-pin Wide SOIC
SP3243EEA
-40°C to +85°C
28-pin SSOP
ORDERING INFORMATION
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Please consult the factory for pricing and availability on a Tape-On-Reel option.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com