Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP4403 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP4403
Description  Low Voltage Electroluminescent Lamp Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4403 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP4403 Datasheet HTML 6Page - Sipex Corporation SP4403 Datasheet HTML 7Page - Sipex Corporation SP4403 Datasheet HTML 8Page - Sipex Corporation SP4403 Datasheet HTML 9Page - Sipex Corporation SP4403 Datasheet HTML 10Page - Sipex Corporation SP4403 Datasheet HTML 11Page - Sipex Corporation SP4403 Datasheet HTML 12Page - Sipex Corporation SP4403 Datasheet HTML 13Page - Sipex Corporation SP4403 Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
SP4403DS/05
SP4403 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
Figure 11. Luminance vs R
OSC, VDD=3.0V, Coil=470µH, 4.9Ω
Figure 12. Luminance vs Lamp Size, V
DD=3.0V, ROSC=450kΩ, Coil=470µH, 4.9Ω
SP4403: BRIGHTNESS VS. Rosc, VDD=3.0V, L=470uH (4.9 OHMS),
0
1
2
3
4
5
6
7
200
301
402
511
604
715
806
Rosc (K
Ω)
SP4403: BRIGHTNESS VS. LAMP SIZE, VDD=3V, L=470uH
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
1.5
2.0
2.5
3.0
3.5
4.0
5.0
LAMP SIZE (SQ-IN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com