Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP4405 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP4405
Description  Low Voltage Electroluminescent Lamp Driver with Regulated Output Voltage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4405 Datasheet(HTML) 1 Page - Sipex Corporation

  SP4405 Datasheet HTML 1Page - Sipex Corporation SP4405 Datasheet HTML 2Page - Sipex Corporation SP4405 Datasheet HTML 3Page - Sipex Corporation SP4405 Datasheet HTML 4Page - Sipex Corporation SP4405 Datasheet HTML 5Page - Sipex Corporation SP4405 Datasheet HTML 6Page - Sipex Corporation SP4405 Datasheet HTML 7Page - Sipex Corporation SP4405 Datasheet HTML 8Page - Sipex Corporation SP4405 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SP4405DS/18
SP4405 Low Voltage Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
1
s +2.2V to +4.5V Battery Operation
s DC-to-AC Converter Produces
160V
PP typical for EL Display Panels
s Single Resistor Controlled Internal
Oscillator
s Low Current Standby Mode
s Internal Feedback Loop Maintains
a Constant Regulated EL Lamp
Voltage Output
APPLICATIONS
s Pagers
s Cellular Phones
s PDAs
Low Voltage Electroluminescent Lamp Driver
with Regulated Output Voltage
SP4405
DESCRIPTION
The SP4405 is a high voltage output DC-AC inverter specifically designed to drive
electroluminescent lamps to backlight liquid crystal displays, keypads, and backlit readouts
used in battery operated portable equipment. The SP4405 will operate from a +2.2V to +4.5V
battery source. The device features an internal feedback loop that regulates the lamp voltage
output to 160V
PP (typical) with varying supply voltages to maintain constant EL lamp brightness
over the life of the battery. The device also has a low power shutdown mode which draws less
than 50nA (typical), ideal for low power portable products. One external inductor is required
to generate the high voltage AC output. One external resistor is used to set the internal
oscillator frequency. The SP4405 is ideal for portable applications such as pagers, cellular
phones, PDAs, and other portable applications using LCDs in dim or low light environments.
The SP4405 is offered in 8-pin SOIC and 8-pin
µSOIC packages.
ROSC
VSS
COIL
CINT
SP4405
VBATTERY
C1
0.1
µF
ROSC
450k
Ω
L1
470
µH
3
6
8
1
7
2
ELEN
*D1
1N4148
CINT
0.1
µF
*optional device
VDD
EL2
EL1
EL Lamp
5
4
C2
1nF
ELEN
VDD
ROSC
VSS
COIL
EL2
CINT
EL1
SP4405
8
7
4
3
2
1
5
6
®


Similar Part No. - SP4405

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SP4400 SAMHOP-SP4400 Datasheet
132Kb / 11P
Dual N-Channel Enhancement Mode Field Effect Transistor
SP4401 SAMHOP-SP4401 Datasheet
129Kb / 8P
Super high dense cell design for low RDS(ON).
logo
Sipex Corporation
SP4403 SIPEX-SP4403 Datasheet
131Kb / 14P
Low Voltage Electroluminescent Lamp Driver
SP4403EU SIPEX-SP4403EU Datasheet
131Kb / 14P
Low Voltage Electroluminescent Lamp Driver
SP4403UEB SIPEX-SP4403UEB Datasheet
131Kb / 14P
Low Voltage Electroluminescent Lamp Driver
More results

Similar Description - SP4405

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4403 SIPEX-SP4403 Datasheet
131Kb / 14P
Low Voltage Electroluminescent Lamp Driver
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
SP4414 SIPEX-SP4414 Datasheet
137Kb / 14P
Low Cost Electroluminescent Lamp Driver
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
SP4425 SIPEX-SP4425 Datasheet
176Kb / 14P
Electroluminescent Lamp Driver Low Voltage Applications
SP4428 SIPEX-SP4428 Datasheet
107Kb / 11P
Electroluminescent Lamp Driver High Drive Capability for Low Voltage Applications
SP4426 SIPEX-SP4426 Datasheet
124Kb / 11P
Electroluminescent Lamp Driver with High Output Drivers
logo
List of Unclassifed Man...
ZSP4422A ETC1-ZSP4422A Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
logo
Maxim Integrated Produc...
MAX4990E MAXIM-MAX4990E Datasheet
221Kb / 15P
High-Voltage, 짹15kV ESD-Protected Electroluminescent Lamp Driver
Rev 0; 8/07
MAX4990 MAXIM-MAX4990 Datasheet
200Kb / 16P
High-Voltage, 짹15kV ESD-Protected Electroluminescent Lamp Driver
19-0886; Rev 1; 11/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com