Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP4405EN Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP4405EN
Description  Low Voltage Electroluminescent Lamp Driver with Regulated Output Voltage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4405EN Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP4405EN Datasheet HTML 12Page - Sipex Corporation SP4405EN Datasheet HTML 13Page - Sipex Corporation SP4405EN Datasheet HTML 14Page - Sipex Corporation SP4405EN Datasheet HTML 15Page - Sipex Corporation SP4405EN Datasheet HTML 16Page - Sipex Corporation SP4405EN Datasheet HTML 17Page - Sipex Corporation SP4405EN Datasheet HTML 18Page - Sipex Corporation SP4405EN Datasheet HTML 19Page - Sipex Corporation SP4405EN Datasheet HTML 20Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
SP4405DS/18
SP4405 Low Voltage Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
16
The following performance curves are intended to give the designer a relative scale from which to optimize
specific applications. Absolute measurements may vary depending upon the brand of components chosen.
Figure 21. Peak EL Driver Voltage vs Temperature, V
DD = 2.2V
Figure 22. Peak EL Driver Voltage vs Temperature, V
DD = 3.0V
90.0
80.0
70.0
60.0
50.0
40.0
30.0
-20
-40
0
20
40
60
80
Temperature (oC)
90.0
80.0
70.0
60.0
50.0
40.0
30.0
-20
-40
0
20
40
60
80
Temperature (oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com