Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP4414 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP4414
Description  Low Cost Electroluminescent Lamp Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4414 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP4414 Datasheet HTML 6Page - Sipex Corporation SP4414 Datasheet HTML 7Page - Sipex Corporation SP4414 Datasheet HTML 8Page - Sipex Corporation SP4414 Datasheet HTML 9Page - Sipex Corporation SP4414 Datasheet HTML 10Page - Sipex Corporation SP4414 Datasheet HTML 11Page - Sipex Corporation SP4414 Datasheet HTML 12Page - Sipex Corporation SP4414 Datasheet HTML 13Page - Sipex Corporation SP4414 Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SP4414DS/17
SP4414 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
13
P
W
1
0.228/0.244
0.150/0.157
0.189/0.197
0.014/0.019
0.050 BSC
0.053/0.069
1
0.013
±0.005
0.0256
BSC
0.118
±0.004
0.020
2
0.020
0.116
±0.004
0.034
±0.004
0.040
±0.003
0.004
±0.002
0.118
±0.004
0.118
±0.004
0.037
Ref
0.0215
±0.006
3.0˚
±3˚
R .003
12.0˚
±4˚
0.006
±0.006
0.006
±0.006
0.008
0˚ - 6˚
0.012
±0.003
0.01
12.0˚
±4˚
0.16
±0.003
0.0965
±0.003
0.116
±0.004
95 NSOIC devices per tube, no minimum quantity
50
µSOIC devices per tube
8-pin NSOIC 13” reels: P = 8mm, W = 12mm
8-pin
µSOIC 13” reels: P = 8mm, W = 12mm
Pkg.
min qty per reel
std qty per reel
max qty per reel
EN
500
2500
3000
EU
500
2500
3000
SP4414EN
SP4414EU
All package dimensions in inches
8-pin NSOIC
8-pin
µSOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com