Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5294 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2N5294
Description  TO-220
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2N5294 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2N5294 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2N5294

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5294 ETC-2N5294 Datasheet
27Kb / 1P
Chip Transistor
logo
Central Semiconductor C...
2N5294 CENTRAL-2N5294 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
logo
Savantic, Inc.
2N5294 SAVANTIC-2N5294 Datasheet
103Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N5294 JMNIC-2N5294 Datasheet
133Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N5294 ISC-2N5294 Datasheet
134Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2N5294

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TF321M SANKEN-TF321M Datasheet
48Kb / 2P
TO-220 3A Thyristor
TF821M SANKEN-TF821M Datasheet
48Kb / 2P
TO-220 8A Thyristor
TM541M-L SANKEN-TM541M-L Datasheet
65Kb / 2P
TO-220 5A Triac
logo
Continental Device Indi...
CSD363 CDIL-CSD363 Datasheet
264Kb / 3P
TO-220 Plastic Package
CSC2238 CDIL-CSC2238 Datasheet
277Kb / 3P
TO-220 Plastic Package
logo
New Jersey Semi-Conduct...
D45C NJSEMI-D45C Datasheet
645Kb / 3P
With TO-220 package
logo
Inchange Semiconductor ...
BT137-600D ISC-BT137-600D Datasheet
151Kb / 1P
With TO-220 package
logo
TT Electronics.
MHP50 TTELEC-MHP50 Datasheet
760Kb / 6P
TO-220 housing
logo
Foshan Blue Rocket Elec...
TO-220 FOSHAN-TO-220 Datasheet
55Kb / 1P
TO-220 BIPOLAR TRANSISTORS
logo
List of Unclassifed Man...
TV5 ETC-TV5 Datasheet
114Kb / 1P
TO-220 HEAT SINKS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com