Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP4424 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP4424
Description  Electroluminescent Lamp Driver Dual Oscillators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4424 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP4424 Datasheet HTML 4Page - Sipex Corporation SP4424 Datasheet HTML 5Page - Sipex Corporation SP4424 Datasheet HTML 6Page - Sipex Corporation SP4424 Datasheet HTML 7Page - Sipex Corporation SP4424 Datasheet HTML 8Page - Sipex Corporation SP4424 Datasheet HTML 9Page - Sipex Corporation SP4424 Datasheet HTML 10Page - Sipex Corporation SP4424 Datasheet HTML 11Page - Sipex Corporation SP4424 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SP4424DS/16
SP4424 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
11
P
W
1
0.228/0.244
0.150/0.157
0.189/0.197
0.014/0.019
0.050 BSC
0.053/0.069
SP4424CN
1
0.013
±0.005
SP4424CU
0.0256
BSC
0.118
±0.002
0.020
2
0.020
0.116
±0.004
0.034
±0.002
0.040
±0.002
0.004
±0.002
0.118
±0.002
0.118
±0.004
0.037
Ref
0.0215
±0.006
3.0˚
±3˚
R .003
12.0˚
±4˚
0.006
±0.006
0.006
±0.006
0.008
0˚ - 6˚
0.012
±0.003
0.01
12.0˚
±4˚
0.16
±0.003
0.0965
±0.003
0.116
±0.004
Pkg.
Minimum qty per reel
Standard qty per reel
Maximum qty per reel
CN
500
2500
3000
CU
500
2500
3000
All package dimensions in inches
95 SP4424CN per tube, no minimum quantity
50 SP4424CU per tube
8-pin NSOIC
8-pin
µSOIC
NSOIC-8 13" reels: P=8mm, W=12mm
µSOIC-8 13" reels: P=8mm, W=12mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com