Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP4480 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP4480
Description  Dual Electroluminscent Lamp Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4480 Datasheet(HTML) 3 Page - Sipex Corporation

  SP4480 Datasheet HTML 1Page - Sipex Corporation SP4480 Datasheet HTML 2Page - Sipex Corporation SP4480 Datasheet HTML 3Page - Sipex Corporation SP4480 Datasheet HTML 4Page - Sipex Corporation SP4480 Datasheet HTML 5Page - Sipex Corporation SP4480 Datasheet HTML 6Page - Sipex Corporation SP4480 Datasheet HTML 7Page - Sipex Corporation SP4480 Datasheet HTML 8Page - Sipex Corporation SP4480 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SP4480DS/06
SP4480 Dual Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
3
PIN ASSIGNMENTS
Pin 1 — ELEN1 — Electroluminescent Lamp
Enable 1. When driven HIGH, this input pin
enables the EL driver outputs for EL1 and
EL2. This pin has an internal pulldown
resistor.
Pin 2 — ELEN2 — Electroluminescent Lamp
Enable 2. When driven HIGH, this input pin
enables the EL driver outputs for EL3 and
EL4. This pin has an internal pulldown
resistor.
Pin 3 — R
OSC — Oscillator Resistor. Connect-
ing a resistor between V
DD and this pin sets
the frequency of the internal clock.
Pin 4 — No Connect.
Pin 5 — No connect.
Pin 6 — No connect.
Pin 7 — V
SS — Power Supply Ground. Connect
to the lowest circuit potential, typically
ground.
Pin 8 — COIL — Coil. The inductor for the
boost converter is connected from V
BATT to
this pin.
Pin 9 — CAP — Integrating Capacitor. An
integrating capacitor connected from this
pin to ground filters out any coil switching
spikes or ripple present in the output wave-
form to the EL lamps. Connecting a fast
recovery diode from COIL to CAP increases
the light output of the EL lamp.
Pin 10 — EL4 — Electroluminescent Lamp
Output 4. This is a high voltage lamp driver
output pin paired with EL3 to drive the EL2
lamp.
Pin 11 — EL3 — Electroluminescent Lamp
Output 3. This is a high voltage lamp driver
output pin paired with EL4 to drive the EL2
lamp.
Pin 12 — EL1 — Electroluminescent Lamp
Output 1. This is a high voltage lamp driver
output pin paired with EL2 to drive the EL1
lamp.
Pin 13 — EL2 — Electroluminescent Lamp
Output 2. This is a high voltage lamp driver
output pin paired with EL1 to drive the EL1
lamp.
Pin 14 — V
DD — Positive Power Supply. This
pin should be bypassed with a 0.1
µF capaci-
tor.
ELEN1
ELEN2
ROSC
no connect
VDD
EL2
EL1
EL3
1
2
3
4
11
12
13
14
no connect
no connect
VSS
5
6
7
EL4
COIL
8
9
10
CAP
SP4480
PINOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com