Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP495 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP495
Description  Quad Differential RS-485 Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP495 Datasheet(HTML) 2 Page - Sipex Corporation

  SP495 Datasheet HTML 1Page - Sipex Corporation SP495 Datasheet HTML 2Page - Sipex Corporation SP495 Datasheet HTML 3Page - Sipex Corporation SP495 Datasheet HTML 4Page - Sipex Corporation SP495 Datasheet HTML 5Page - Sipex Corporation SP495 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SP495
Quad Differential RS-485 Transceiver
© Copyright 2000 Sipex Corporation
2
SPECIFICATIONS
T
MIN to TMAX and VCC = 5V ± 5% unless otherwise noted.
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DRIVER
DC Characteristics
Differential Output Voltage
GND
V
CC
Volts
Unloaded; R =
∞ ; see Figure 1
Differential Output Voltage
2
V
CC
Volts
With Load; R = 50
Ω; (RS-422);
see Figure 1
Differential Output Voltage
1.5
V
CC
Volts
With Load; R = 27
Ω; (RS-485); see Figure 1
Change in Magnitude of Driver
Differential Output Voltage for
Complimentary States
0.2
Volts
R = 27
Ω or R = 50Ω; see Figure 1
Driver Common-Mode
Output Voltage
3
Volts
R = 27
Ω or R = 50Ω; see Figure 1
Input High Voltage
2.0
Volts
Applies to DRx, DEx/ REx
Input Low Voltage
0.8
Volts
Applies to DRx, DEx/ REx
Input Current
±10
µA
Applies to DRx, DEx/ REx
Driver Short-Circuit Current
V
OUT = HIGH
±250 mA
-7V
≤ V
O ≤ 10V
V
OUT = LOW
±250 mA
-7V
≤ V
O ≤ 10V
DRIVER
AC Characteristics
Maximum Driver Data Rate
10
Mbps
R
DIFF = 54Ω, CL1 = CL2 = 100pF
Driver Input to Output
20
30
60
ns
t
PLH; RDIFF = 54Ω, CL1 = CL2 = 100pF;
see Figures 3 and 6
Driver Input to Output
20
30
60
ns
t
PHL; RDIFF = 54Ω, CL1 = CL2 = 100pF;
see Figures 3 and 6
Driver Skew
10
ns
see Figures 3 and 6
Driver Rise or Fall Time
3
15
40
ns
From 10% to 90%; R
DIFF = 54Ω,
C
L1 = CL2 = 100pF; see Figures 3 and 6
Driver Enable to Output HIGH
40
70
ns
C
L1 = CL2 = 100pF; see Figures
4 and 7; S
2 closed
Driver Enable to Output LOW
40
70
ns
C
L1 = CL2 = 100pF; see Figures
4 and 7; S
1 closed
Driver Disable Time from LOW
40
70
ns
C
L1 = CL2 = 15pF; see Figures
4 and 7; S
1 closed
Driver Disable Time from HIGH
40
70
ns
C
L1 = CL2 = 15pF; see Figures
4 and 7; S
2 closed
RECEIVER
DC Characteristics
Differential Input Threshold
-0.2
+0.2
Volts
-7V
≤ V
CM ≤ 12V
Input Hysteresis
70
mV
V
CM = 0V
Output Voltage HIGH
3.5
Volts
I
O = -4mA, VID = +200mV
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
V
CC............................................................................................................................+7V
Input Voltages
Logic...................................................-0.5V to (V
CC+0.5V)
Drivers................................................-0.5V to (V
CC+0.5V)
Receivers....................................................................15V
Output Voltages
Logic...................................................-0.5V to (V
CC+0.5V)
Drivers...........................................................-8V to 12.5V
Receivers...........................................-0.5V to (V
CC+0.5V)
Storage Temperature....................................................-65˚C to +150˚C
Power Dissipation.....................................................................1000mW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com