Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP508 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP508
Description  Rugged 40Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP508 Datasheet(HTML) 2 Page - Sipex Corporation

  SP508 Datasheet HTML 1Page - Sipex Corporation SP508 Datasheet HTML 2Page - Sipex Corporation SP508 Datasheet HTML 3Page - Sipex Corporation SP508 Datasheet HTML 4Page - Sipex Corporation SP508 Datasheet HTML 5Page - Sipex Corporation SP508 Datasheet HTML 6Page - Sipex Corporation SP508 Datasheet HTML 7Page - Sipex Corporation SP508 Datasheet HTML 8Page - Sipex Corporation SP508 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
Date: 8/19/04
SP508 Enhanced WAN Multi–Protocol Serial Transceiver
© Copyright 2004 Sipex Corporation
T
A = 0°C to +70°C and VCC = +4.75V to +5.25V unless otherwise noted. The ♦
denotes the specifications which applies to full
temperature range of -40°C to =+85°C, unless otherwise specified.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
LOGIC INPUTS
V
IL
0.8
Volts
V
IH
2.0
Volts
LOGIC OUTPUTS
V
OL
0.4
Volts
I
OUT= –3.2mA
V
OH
2.4
Volts
I
OUT= 1.0mA
V.28 DRIVER
DC Parameters
Outputs
Open Circuit Voltage
±15
Volts
per
Figure 1
Loaded Voltage
±5.0
±15
Volts
per
Figure 2
Short-Circuit Current
±100
mA
per
Figure 4, V
OUT=0V
Power-Off Impedance
300
per
Figure 5
AC Parameters
V
CC = +5V for AC parameters
Outputs
Transition Time
1.5
µs
per
Figure 6; +3V to -3V
Instantaneous Slew Rate
30
V/µs
per
Figure 3
Propagation Delay
t
PHL
0.5
1
5
µs
t
PLH
0.5
1
5
µs
Max.Transmission Rate
120
230
kbps
V.28 RECEIVER
DC Parameters
Inputs
Input Impedance
3
7
kΩ
per
Figure 7
Open-Circuit Bias
+2.0
Volts
per
Figure 8
HIGH Threshold
1.7
3.0
Volts
LOW Threshold
0.8
1.2
Volts
AC Parameters
V
CC = +5V for AC parameters
Propagation Delay
t
PHL
50
100
500
ns
t
PLH
50
100
500
ns
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the
device at these ratings or any other above those indicated in the
operation sections of the specifications below is not implied.
Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
V
CC ................................................................................................ +7V
Input Voltages:
Logic ................................................ -0.3V to (V
CC+0.5V)
Drivers ............................................. -0.3V to (V
CC+0.5V)
Receivers ........................................................... ±15.5V
Output Voltages:
Logic ................................................ -0.3V to (V
CC+0.5V)
Drivers ................................................................... ±12V
Receivers ........................................ -0.3V to (V
CC+0.5V)
Storage Temperature ................................................ -65
°C to +150°C
Power Dissipation ................................................................. 1520mW
(derate 19.0mW/
°C above +70°C)
Package Derating:
ø
JA
.................................................................................................................
52.7 °C/W
ø
JC
....................................................................................................................
6.5 °C/W
STORAGE CONSIDERATIONS
Due to the relatively large package size, storage in a low
humidity environment is preferred. Large high density plastic
packages are moisture sensitive and should be stored in Dry
Vapor Barrier Bags. Prior to usage, the parts should remain
bagged and stored below 40°C and 60%RH. If the parts are
removed from the bag, they should be used within 48 hours or
stored in an environment at or below 20%RH. If the above
conditions cannot be followed, the parts should be baked for
four hours at 125°C in order to remove moisture prior to
soldering. Sipex ships the 100-pin LQFP in Dry Vapor Barrier
Bags with a humidity indicator card and desiccant pack. The
humidity indicator should be below 30%RH.
ELECTRICAL SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com