Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6660 Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP6660
Description  200mA Charge Pump Inverter or Doubler
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6660 Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP6660 Datasheet HTML 13Page - Sipex Corporation SP6660 Datasheet HTML 14Page - Sipex Corporation SP6660 Datasheet HTML 15Page - Sipex Corporation SP6660 Datasheet HTML 16Page - Sipex Corporation SP6660 Datasheet HTML 17Page - Sipex Corporation SP6660 Datasheet HTML 18Page - Sipex Corporation SP6660 Datasheet HTML 19Page - Sipex Corporation SP6660 Datasheet HTML 20Page - Sipex Corporation SP6660 Datasheet HTML 21Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
SP6660DS/11
SP6660 200mA Charge Pump Inverter or Doubler
© Copyright 2000 Sipex Corporation
17
OSC
OUT
SP6660
C1
5
1
2
7
4
FC
C2
CAP+
CAP-
GND
6
8
3
LV
C4
C3
V+
D1
D2
+VIN
VOUT1 = (2 x VIN) - VFD1 - VFD2
VOUT2 = -VIN
VOUT1
VOUT2
where
VOUT1 = positive doubled output voltage,
VIN = input voltage,
VFD1 = forward bias voltage across D1,
VFD2 = forward bias voltage across D2, and
VOUT2 = inverted output voltage.
Figure 27. The SP6660 Connected for Negative Voltage Conversion with Positive Supply Multiplication
Circuit for Negative Voltage Conversion
with Positive Supply Multiplication
A designer can use the circuit in Figure 27 to
provide both an inverted output voltage at V
OUT1
and a positive multiple of V
IN
at V
OUT2
(subtracting the forward biased voltages of D1
and D2). Capacitor C1 is for the charge pump
and capacitor C2 is for the reservoir function to
generate the inverted output voltage at V
OUT2.
Capacitor C3 is for the charge pump and capacitor
C4 is for the reservoir function to generate the
multiplied positive output voltage at V
OUT1.
Designers should pay special attention to the
possibility of higher source impedances at the
generated supplies due to the finite impedance
of the common charge pump driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com