Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6680EU Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6680EU
Description  High Efficiency Buck/Boost Charge Pump Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6680EU Datasheet(HTML) 9 Page - Sipex Corporation

  SP6680EU Datasheet HTML 1Page - Sipex Corporation SP6680EU Datasheet HTML 2Page - Sipex Corporation SP6680EU Datasheet HTML 3Page - Sipex Corporation SP6680EU Datasheet HTML 4Page - Sipex Corporation SP6680EU Datasheet HTML 5Page - Sipex Corporation SP6680EU Datasheet HTML 6Page - Sipex Corporation SP6680EU Datasheet HTML 7Page - Sipex Corporation SP6680EU Datasheet HTML 8Page - Sipex Corporation SP6680EU Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Date: 5/25/04
SP6680 High Efficiency Buck/Boost Charge Pump Regulator
© Copyright 2004 Sipex Corporation
I
nput Voltage Ripple with Various Input, Output and Pump Capacitors
Looking at Tables 5, 6 & 7 it can be seen that increasing the value of the input capacitor (Table 5) reduces
the input voltage ripple the most. Note that placement of this input bypass capacitor as close to the
SP6680 input is recommended. Also note that Table 7 shows that increasing the pump capacitor beyond
the values of the other capacitors (2.2uF) actually increases the input ripple voltage and is not
recommended.
Table 5. Input Voltage Ripple vs Input Capacitance
All Ceramic Capacitors ESR < 0.05ohm
Cout, CF1, CF2 = 2.2uF, Iout = 5mA, CLK = 32kHz
Vin = 3.55V (In Regulation)
Vin = 3.85V (Not in Regulation)
Cin (uF)
Vin Ripple mV (pp)
Vin Ripple mV (pp)
0.47
296
30
1
140
24
2.2
80
18
4.7
36
12
10
24
10
22
14
6
Table 6. Input Voltage Ripple vs Output Capacitance
All Ceramic Capacitors ESR < 0.05ohm
Cin, CF1, CF2 = 2.2uF, Iout = 5mA, CLK = 32kHz
Vin = 3.55V (In Regulation)
Vin = 3.85V (Not in Regulation)
Cout (uF)
Vin Ripple mV (pp)
Vin Ripple mV (pp)
0.47
90
30
174
24
2.2
80
18
4.7
74
14
10
72
12
22
78
12
Table 7. Input Voltage Ripple vs Pump Capacitance
All Ceramic Capacitors ESR < 0.05ohm
Cin, Cout = 2.2uF, Iout = 5mA, CLK = 32kHz
Vin = 3.55V (In Regulation)
Vin = 3.85V (Not in Regulation)
CF1, CF2 (uF)
Vin Ripple mV (pp)
Vin Ripple mV (pp)
0.47
76
26
176
20
2.2
80
18
4.7
154
16
10
162
16
22
162
14



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com