Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6832 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6832
Description  High Speed, High Efficiency Voltage Inverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6832 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6832 Datasheet HTML 1Page - Sipex Corporation SP6832 Datasheet HTML 2Page - Sipex Corporation SP6832 Datasheet HTML 3Page - Sipex Corporation SP6832 Datasheet HTML 4Page - Sipex Corporation SP6832 Datasheet HTML 5Page - Sipex Corporation SP6832 Datasheet HTML 6Page - Sipex Corporation SP6832 Datasheet HTML 7Page - Sipex Corporation SP6832 Datasheet HTML 8Page - Sipex Corporation SP6832 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
SP6832DS/04
SP6832 High Speed, High Efficiency Voltage Inverter
© Copyright 2000 Sipex Corporation
SPECIFICATIONS FOR THE SP6832
V
IN = +5.0V, C1 = C2 = C3 = 0.33µF and TAMB = 25
oC unless otherwise noted. The circuit found in Figure 14 was
used to obtain the following typical performance characteristics (unless otherwise noted).
NOTE 1: V
OUT = -VIN +200mV
NOTE 2: Capacitors are approximately 20% of the output impedance where ESR =
NOTE 3: Power Efficiency (Ideal) =
VOUT x IOUT
-VIN x (-VIN/RL)
NOTE 4: Power Efficiency (Actual) =
VOUT x IOUT
VIN x IIN
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
V
IN.....................................................................................-0.3V to +5.6V
V
OUT...................................................................................-5.6V to +0.3V
V
OUT Short Circuit to GND.................................................Indefinite
I
OUT...................................................................................................50mA
Storage Temperature.....................................................-65˚C to +150˚C
Power Dissipation per Package
5-pin SOT (derate 4.35mW/oC above +70oC).............................400mW
Lead Temperature (Soldering)....................................................300oC
ESD Rating...............................................2kV Human Body Model
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
e
g
a
t
l
o
V
m
u
m
i
n
i
M
e
g
a
t
l
o
V
y
l
p
p
u
S4
.
1
6
8
.
05
1
.
1
3
.
5
V
R
L
k
0
1
=
Ω T
,
B
M
A
1
e
t
o
N
,
C
°
5
2
+
=
R
L
k
0
1
=
Ω T
,
B
M
A
C
°
5
8
+
o
t
C
°
0
4
-
=
t
n
e
r
r
r
u
C
y
l
p
p
u
S7
.
04
.
1A
mT
B
M
A
0
4
-
=
o
5
8
+
o
t
C
o
=
L
R
,
C
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O9
15
4
I
T
U
O
2
e
t
o
N
,
A
m
5
2
o
t
A
m
5
=
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O0
0
30
0
50
5
7z
H
k
y
c
n
e
i
c
i
f
f
E
n
o
i
s
r
e
v
n
o
C
e
g
a
t
l
o
V5
99
.
9
9%
R
L =
)
l
a
e
d
I
(
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P7
9%
I
T
U
O
3
e
t
o
N
,
A
m
5
=
)
l
a
u
t
c
A
(
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P7
8%
I
T
U
O
4
e
t
o
N
,
A
m
5
=
1
f
OSC x C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com