Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4 Datasheet(PDF) 1 Page - Mercury United Electronics Inc

Part # MP4
Description  Surface Mount Crystals
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

MP4 Datasheet(HTML) 1 Page - Mercury United Electronics Inc

  MP4 Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
○
-20 to 70°C
▲
○○○○
○○
Stability code
Temp. (ºC) \ ppm
X
Y
I
-40 to 85°C
○
± 10
± 15
± 20
± 25
± 30
○○
○
60 Ω
30.1 ~ 50.0
10.1 ~ 30.0
AT , Fund.
40 Ω
50.1 ~ 70.0
AT , 3rd
80 Ω
○
: available ; ▲ : contact Mercury
AT , 3rd
100 Ω
3.5 ~ 6.0
AT , Fund.
120 Ω
27.0 ~ 30.0
AT , 3rd
150 Ω
6.1 ~ 10.0
AT , Fund.
○
3.2 ~ 3.4
AT , Fund.
300 Ω
24.0 ~ 48.0
BT , Fund.
40 Ω
-10 to 60°C
○
ESR ( Equivalent Series Resistance )
Table 2
Storage Temperature Range
- 50°C to 105°C
Specifications
●
MP4 , MP5 , MP24 and MP25 are designed for top board assembly and a one time
solder reflow only . Do not mount these products with the metal housing downward.
Features
Osc. Mode
E.S.R
Freq. (MHz)
General Specifications
Osc. Mode
E.S.R
Freq. (MHz)
Frequency stability vs Operating temperature range
Frequency Stability
See Table 2
Aging
△
F / F : ±3 ppm / year ( max. )
Min.
Drive Level
Mercury www .mercury-crystal.com
■
Taiwan : Tel (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: Tel: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China: Tel: (86)-512-5763-8100 / sales-cn@mecxtal.com
[ MP4 ] ;
[ MP5 ]
[ MP24 ] ;
[ MP25 ]
Table 1
100μ W typical ( 500μ W max. )
Frequency Tolerance
± 5 ppm , ± 10 ppm , ± 20 ppm or ± 30 ppm at 25°C
Max.
3.2MHz
70MHz
[ 12.9 * 4.5 * 4.8 ( 3.8 ) mm ]
[ 11.4 * 5.0 * 4.8 ( 3.8 ) mm ]
MP4 , MP5
MP24 , MP25
Surface Mount Crystals
Fund.
3rd O.T.
Outline Dimensions ( Unit : mm )
MP4 ( 12.9 * 4.5 * 3.8 mm )
, MP5 ( 12.9 * 4.5 * 4.8 mm ) series
Item / Type
Load Capacitance
Series or Parallel ( 8 to 32 pF ) resonance
MP24 ( 11.4 * 5.0 * 3.8 mm )
, MP25 ( 11.4 * 5.0 * 4.8 mm ) series
Frequency Range & Crystal Cut
3.2.000 ~ 48.000 MHz , AT-cut , Fundamental Mode ( see Table 1 )
27.000 ~ 70.000 MHz , AT-cut , 3rd overtone ( see Table 1 )
24.000 ~ 48.000 MHz , BT-cut , Fundamental Mode ( see Table 1 )


Similar Part No. - MP4

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
MP4 EMERSON-NETWORKPOWER-MP4 Datasheet
411Kb / 8P
Current share on all outputs with ratings of 10 A or greater
logo
GREATECS
MP4 GREATECS-MP4 Datasheet
174Kb / 1P
Micro Switches 16A 125/250VAC
logo
EUROQUARTZ limited
MP4 EUROQUARTZ-MP4 Datasheet
152Kb / 1P
12 x 4.5mm Compatible SMD Crystal
logo
List of Unclassifed Man...
MP4-10B ETC2-MP4-10B Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP4-10C ETC2-MP4-10C Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results

Similar Description - MP4

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
ATSM-49 MTRONPTI-ATSM-49 Datasheet
260Kb / 1P
Surface Mount Crystals
HC-49U MTRONPTI-HC-49U Datasheet
261Kb / 1P
Surface Mount Crystals
HC-49U MTRONPTI-HC-49U_07 Datasheet
257Kb / 2P
Surface Mount Crystals
logo
EUROQUARTZ limited
49MJ EUROQUARTZ-49MJ Datasheet
104Kb / 1P
SURFACE-MOUNT CRYSTALS
86SMX EUROQUARTZ-86SMX Datasheet
47Kb / 1P
SURFACE-MOUNT CRYSTALS
90SMX-SH EUROQUARTZ-90SMX-SH Datasheet
103Kb / 1P
SURFACE-MOUNT CRYSTALS
logo
MTRONPTI
HC49U MTRONPTI-HC49U Datasheet
308Kb / 2P
Surface Mount Crystals
logo
Mercury United Electron...
M49 MERCURY-M49 Datasheet
109Kb / 1P
Surface Mount Crystals
MJ2 MERCURY-MJ2 Datasheet
105Kb / 1P
Surface Mount Crystals
X22 MERCURY-X22 Datasheet
44Kb / 1P
Surface Mount Crystals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com