Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSG Datasheet(PDF) 1 Page - Mercury United Electronics Inc

Part # SSG
Description  32.768 KHz Surface Mount Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

SSG Datasheet(HTML) 1 Page - Mercury United Electronics Inc

  SSG Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“SSG” series 32.768 KHz Surface Mount Crystal
MERCURY
Since 1973
MERCURY
www.mercury-crystal.com
Taiwan: TEL (886)-2-2406-2779, FAX (886)-2-2496-0769, e-mail: sales-tw@mercury-crystal.com
U.S.A.: TEL (1)-909-466-0427, FAX (1)-909-466-0762, e-mail: sales-us@mercury-crystal.com
MERCURY
Page 1 of 1
Date: October 10, 2006
Rev. 2
5.5[0.216]
8.0[0.315]
0.5[0.020]
0.9[0.035]
1.3[0.051]
4.2[0.165]
RoHS compliant product
Provide low cost timing to real time clocks and
hand-held portable battery operated devices.
Rugged high-temp plastic molded package for harsh
environment.
Withstand solder reflow. Tape and reel available.
Specifications
Package Dimensions and Suggested Soldering Pattern
MEC Part No.
SSG-32.768K-12.5P, RoHS compliant
Nominal Frequency
32.768 kHz
Crystal Cut
X-cut
Frequency Tolerance
±30 ppm at +25°C
Turnover Temperature
25°C±5°C
Operating Temperature
-40 to +80°C
Frequency-Temperature Coefficient
-0.034 ppm±0.006 ppm/°C
2
Load Capacitance
12.5 pF
Motional Capacitance (Co)
0.003 pF typical
Shunt Capacitance (C1)
1.35 pF max.
Capacitance Ratio (Co/C1)
450 typical
Equivalent Series Resistance
50 K ohms max.
Drive Level
1 uW max.
Insulation Resistance
500 M
Ω min. at 100V±15V DC
Aging
±3 ppm per year max. at +25°C
Package Leak Rate
1x10
-2
µPam3/sec max.
Shock Resistance
±5 ppm max. at 3000Gx0.3 msec. half sine wave
3 directions
Storage Temperature
-55 to +125°C
Tape and Reel
13” reel. 3000 pc per reel.


Similar Part No. - SSG

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
Subminiature Basic Switch
logo
Surge Components
SSG SURGE-SSG Datasheet
482Kb / 1P
rohs compliance
logo
Omron Electronics LLC
SSG-01H OMRON-SSG-01H Datasheet
765Kb / 10P
Subminiature Basic Switch
SSG-01H-5 OMRON-SSG-01H-5 Datasheet
765Kb / 10P
Subminiature Basic Switch
SSG-01L1H OMRON-SSG-01L1H Datasheet
765Kb / 10P
Subminiature Basic Switch
More results

Similar Description - SSG

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
SX1555-R MTRONPTI-SX1555-R Datasheet
286Kb / 2P
3.8x8.0x2.5 mm - 32.768 kHz, Surface Mount Crystal
logo
Oscilent Corporation
223-000312-20 OSCILENT-223-000312-20 Datasheet
132Kb / 2P
32.768 KHz Crystal
224-000312-20 OSCILENT-224-000312-20 Datasheet
129Kb / 2P
32.768 KHz Crystal
logo
MMD Components
WC26SM MMD-WC26SM Datasheet
54Kb / 1P
32.768 KHz Clock Crystal
logo
Epson ToYoCom
SG-3030LC EPSONTOYOCOM-SG-3030LC_10 Datasheet
215Kb / 1P
CRYSTAL OSCILLATOR 32.768 kHz
logo
Mercury United Electron...
X3215 MERCURY-X3215 Datasheet
135Kb / 2P
3.2x1.5x0.8 mm 32.768 KHz Tuning Fork Surface Mount Crystal
X4115 MERCURY-X4115 Datasheet
135Kb / 2P
4.1x1.5x0.7 mm 32.768 KHz Tuning Fork Surface Mount Crystal
logo
MICORO CRYSTAL SWITZERL...
DS-SERIES MICROCRYSTAL-DS-SERIES Datasheet
243Kb / 2P
Watch Crystal 32.768 kHz
CM7V-T1A_0.3 MICROCRYSTAL-CM7V-T1A_0.3 Datasheet
115Kb / 2P
Tuning Fork Crystal 32.768 kHz
logo
PETERMANN-TECHNIK
M3215A PETERMANN-M3215A Datasheet
600Kb / 3P
SMD WATCH CRYSTAL 32.768 kHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com