Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7800A Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP7800A
Description  12-Bit 3ms Sampling A/D Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7800A Datasheet(HTML) 4 Page - Sipex Corporation

  SP7800A Datasheet HTML 1Page - Sipex Corporation SP7800A Datasheet HTML 2Page - Sipex Corporation SP7800A Datasheet HTML 3Page - Sipex Corporation SP7800A Datasheet HTML 4Page - Sipex Corporation SP7800A Datasheet HTML 5Page - Sipex Corporation SP7800A Datasheet HTML 6Page - Sipex Corporation SP7800A Datasheet HTML 7Page - Sipex Corporation SP7800A Datasheet HTML 8Page - Sipex Corporation SP7800A Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SP7800ADS/02
SP7800A 12-Bit 3
µs Sampling A/D Converter
© Copyright 2000 Sipex Corporation
4
24 VSA
23 VSD
22 N.C.
21 BUSY
20 CS
19 R/C
18 HBE
17 D0
16 D1
15 D2
14 D3
13 DGND
IN1 1
IN2
2
N.C. 3
AGND 4
D11 5
D10
6
D9
7
D8
8
D7
9
D6 10
D5 11
D4 12
SP7800A
PINOUT
Pin 12 — D
4 — Data Bit 4 if HBE is LOW; LOW if
HBE is HIGH.
Pin 13 — DGND — Digital Ground. Connect to pin
4 at the device.
Pin 14 — D
3 — Data Bit 3 if HBE is LOW; Data Bit
11 if HBE is HIGH.
Pin 15 — D
2 — Data Bit 2 if HBE is LOW; Data Bit
10 if HBE is HIGH.
Pin 16 — D
1 — Data Bit 1 if HBE is LOW; Data Bit
9 if HBE is HIGH.
Pin 17 — D
0 — Data Bit 0 if HBE is LOW. Least
Significant Bit (LSB). Data Bit 8 if HBE is HIGH.
Pin 18 — HBE — High Byte Enable, When held
LOW, data output as 12-bits in parallel. When held
HIGH, four MSBs presented on pins 14–17, pins 9 –
12 output LOWs. Must be LOW to initiate conver-
sion.
Pin19—R/C—Read/Convert.Fallingedgeinitiates
conversion when CS is LOW, HBE is LOW, and
BUSY is HIGH.
Pin 20 — CS — Chip Select. Outputs in Hi-Z state
when HIGH. Must be LOW to initiate conversion or
read data.
Pin 21 — BUSY . Output LOW during conversion.
Data valid on rising edge in Convert Mode.
Pin22—N.C.—Thispinisnotinternallyconnected.
Pin23—V
SD — Positive Digital Power Supply, +5V.
Connect to pin 24, and bypass to DGND.
Pin 24 — V
SA
— Positive Analog Power Supply.
+5V. Connect to pin 23, and bypass to AGND.
PIN ASSIGNMENT
Pin 1 — IN
1 — ±10V Analog Input. Connected to
AGND for
±5V range.
Pin 2 — IN
2 — ±5V Analog Input. Connected to
AGND for
±10V range.
Pin 3 — N.C. — This pin is not internally connected.
Pin 4 — AGND — Analog Ground. Connect to pin
13 at the device.
Pin 5 — D
11
— Data Bit 11. Most Significant Bit
(MSB).
Pin 6 — D
10 — Data Bit 10.
Pin 7 — D
9 — Data Bit 9.
Pin 8 — D
8 — Data Bit 8.
Pin 9 — D
7 — Data Bit 7 if HBE is LOW; LOW if
HBE is HIGH.
Pin 10 — D
6 — Data Bit 6 if HBE is LOW; LOW if
HBE is HIGH.
Pin 11 — D
5 — Data Bit 5 if HBE is LOW; LOW if
HBE is HIGH.
FEATURES...
The SP7800A is specified at a 333kHz sampling rate.
Conversion time is factory set for 2.70
µs max over
temperature, and the high-speed sampling input stage
insures a total acquisition and conversion time of 3
µs
maxovertemperature.Precision,laser–trimmedscal-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com