Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B230 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # B230
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

B230 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  B230 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd B230 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B220 THRU B260
2.0A
AMBIENT TEMPERATURE
℃
FIG.1 -- FORWARD DERATING CURVE
0.5
1.0
50
70
0
1.5
2.0
60
80
90 100
110 120 130
Resistive or
Inductive Load
0.375"(9.5mm)
Lead Length
140
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Forward Surge Current
Single Half-Sine-Wave
10
100
1000
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 4 Typical Total Capacitance
T = 25°C
j
f = 1MHz
.
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 100°C
j
T = 75°C
j
T = 25°C
j
100
10
1.0
0.1
0.01
0.001
20
30
40
50
16
12
8
4
24
20
32
28
36
40
V , DC REVERSE VOLTAGE (V)
R
Fig. 6 Operating Temperature Derating (B240)
60
70
80
120
130
90
100
110
150
140
160
0
Note 5
0
0.01
0.1
1
10.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
30.0
1.6
TJ=125 C
TJ=150 C
TJ=25 C
Puise Width=300
S
1%DUTY CYCLE
B220--B240
B250--B260
O
O
O
FIG.2 -- TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com