Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B250 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # B250
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

B250 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  B250 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd B250 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
1 of 2
B220 THRU B260
2.0A
FEATURES
MECHANICAL DATA
◇ Built-in strain relief
◇ Case:JEDEC DO-214AA,molded plastic over
1111passivated chip
◇ Low power loss,high effciency
◇ Plastic package has Underwriters Laborator
111 Flammability Classification 94V-0
◇ High temperature soldering guaranteed:250
oC/10 1
11 seconds at terminals
◇ Polarity: Color band denotes cathode end
Weigh t: 0.003 ounces, 0.093
◇ Low profile package
◇ For surface mounted applications
◇ Terminals:Solder Plated, solderable per MIL-STD-750,
1111Method 2026
◇ High current capability,low forward voltage drop
◇ For use in low voltage high frequency inverters,free
111 wheeling and polarity protection applications
◇ Guardring for overvoltage protection
◇ Metal silicon junction, majority carrier conduction
◇ High surge capability
gram
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Notes:
1. Thermal Resistance: Junction to terminal, unit mounted on PC board with 5.0 mm2 (0.013 mm thick) copper pad as heat sink.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. RoHS revision 13.2.2003. High Temperature Solder Exemption Applied, see EU Directive Annex Note 7.
Characteristic
Symbol
B220
B230
B240
B250
B260
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
V
Average Rectified Output Current
@ TT = 100°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
50
A
Forward Voltage
@ IF = 2.0A
VFM
0.50
0.70
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage
@ TA = 100°C
IRM
0.5
20
mA
Typical Total Capacitance (Note 2)
CT
200
pF
Typical Thermal Resistance, Junction to Terminal
RqJT
20
°C/W
Typical Thermal Resistance, Junction to Ambient (Note 1)
RqJA
25
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C


Similar Part No. - B250

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B250 DIODES-B250 Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13004 Rev. E-2
logo
Fuji Electric
B250 FUJI-B250 Datasheet
668Kb / 1P
2 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B250 WEITRON-B250 Datasheet
168Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
B250 BILIN-B250 Datasheet
88Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
B250 LUGUANG-B250 Datasheet
184Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - B250

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com